Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DM3725CBC Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DM3725CBC
Descripción Electrónicos  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 28 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 24Page - Texas Instruments DM3725CBC Datasheet HTML 25Page - Texas Instruments DM3725CBC Datasheet HTML 26Page - Texas Instruments DM3725CBC Datasheet HTML 27Page - Texas Instruments DM3725CBC Datasheet HTML 28Page - Texas Instruments DM3725CBC Datasheet HTML 29Page - Texas Instruments DM3725CBC Datasheet HTML 30Page - Texas Instruments DM3725CBC Datasheet HTML 31Page - Texas Instruments DM3725CBC Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Table 2-1. Ball Characteristics (CBP Pkg.)(3) (continued)
BALL
BALL
BALL
RESET
BUFFER
PULLUP
BALL TOP
RESET
IO CELL
BOTTOM
PIN NAME [2]
MODE [3]
TYPE [4]
RESET
REL. MODE POWER [8] HYS [9]
STRENGTH /DOWN
[1]
REL.
[12]
[1]
STATE [5]
[7]
(mA) [10]
TYPE [11]
STATE [6]
V8
NA
gpmc_ncs2
0
O
H
H
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_53
4
IO
safe_mode
7
U8
NA
gpmc_ncs3
0
O
H
H
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
sys_ndmareq0
1
I
gpio_54
4
IO
safe_mode
7
T8
NA
gpmc_ncs4
0
O
H
H
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
sys_ndmareq1
1
I
mcbsp4_clkx
2
IO
gpt_9_pwm_evt
3
IO
gpio_55
4
IO
safe_mode
7
R8
NA
gpmc_ncs5
0
O
H
H
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
sys_ndmareq2
1
I
mcbsp4_dr
2
I
gpt_10_pwm_evt
3
IO
gpio_56
4
IO
safe_mode
7
P8
NA
gpmc_ncs6
0
O
H
H
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
sys_ndmareq3
1
I
mcbsp4_dx
2
IO
gpt_11_pwm_evt
3
IO
gpio_57
4
IO
safe_mode
7
N8
NA
gpmc_ncs7
0
O
H
H
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpmc_io_dir
1
O
mcbsp4_fsx
2
IO
gpt_8_pwm_evt
3
IO
gpio_58
4
IO
safe_mode
7
T4
W2
gpmc_clk
0
O
L
0
0
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_59
4
IO
safe_mode
7
F3
W1
gpmc_nadv_ale
0
O
0
0
0
vdds_mem
NA
8
PU/ PD
LVCMOS
G2
V2
gpmc_noe
0
O
1
1
0
vdds_mem
NA
8
PU/ PD
LVCMOS
F4
V1
gpmc_nwe
0
O
1
1
0
vdds_mem
NA
8
PU/ PD
LVCMOS
G3
AC12
gpmc_nbe0_cle
0
O
L
0
0
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_60
4
IO
safe_mode
7
U3
NA
gpmc_nbe1
0
O
L
L
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_61
4
IO
safe_mode
7
H1
AB10
gpmc_nwp
0
O
L
0
0
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_62
4
IO
safe_mode
7
M8
AB12
gpmc_wait0
0
I
H
H
0
vdds_mem
Yes
NA
PU/ PD
LVCMOS
L8
AC10
gpmc_wait1
0
I
H
H
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_63
4
IO
safe_mode
7
K8
NA
gpmc_wait2
0
I
H
H
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
uart4_tx
2
O
gpio_64
4
IO
safe_mode
7
28
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More