| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DM3725CBC Datasheet(PDF) 113 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM3725CBC Datasheet(HTML) 113 Page - Texas Instruments |
|
113 / 280 page ![]() DM3730, DM3725 www.ti.com SPRS685D – AUGUST 2010 – REVISED JULY 2011 Table 2-25. Power Supplies Signals Description(1) (continued) SIGNAL NAME [1] DESCRIPTION [2] BALL BOTTOM BALL TOP BALL BOTTOM BALL TOP BALL BOTTOM (CBP Pkg.) [4] (CBP Pkg.) (2)[5] (CBC Pkg.) [4] (CBC Pkg.) (2)[5] (CUS Pkg.) (2) [4] vss Ground AG2 / U2 / B2 / H2 / B18 / AB5 / G1/ K1/ R1/ W1/ B2/ C1/ F1/ H2/ M2/ R2/ V16/ V15/ U16/ AG3 / W3 / P3 / AB14 / AB20 / P2 / H4/ N4/ R4/ W4/ AB5/ Y6/AA7/ Y11/ AA16/ U15/ U14/ U11/ J3 / E3 / A3 / P4 F22 / E2 / C22 / B4 / A6/ D7/ Y7/AE7/ A8/ W20/P20/ L21/ H20/ U9/T16/ T15/ T14/ / E4 / AG6 / D7 / B7 / B10 / B15 G8/ D10/ G10/ L10/ F20/ B14/A13/ A7 T13/ T12/ T11/ T10/ C7 / V9 / U9 / P9 N10/ Y10/ AC10/ T9/ R15/ R14/ R11/ / N9 / K9 / W10 / C12/ D12/A13/ D14/ R10/ P17/ P15/ P14/ V10 / P10 / K10 / AD14/ K15/ Y16/ L17/ P13/P12/ P11/ P10/ D10 / C10 / N17/ R17/ D18/ P8/ N16/ N15/ N14/ AF12 / AE12 / D20/G20/ E22/ AB22/ N13/ N12/ N11/ Y12 / K12 / J12 / G23/ L23/ T23/ W23/ N10/ N9/ M16/ M13/ Y13 / W13 / J13 / B25/ K25/U25/ AD25 / M11/ M10/ M9/ L17/ D13 / C13 / W14 Y26 L13/ L10/ L8/ K15/ / K16 / J16 / W17 K14/ K11/ K10/ J16/ / K17 / J17 / W19 J15/ J14/ J13/ J12/ / V19 / R19 / P19 J11/H16/ H14/ H11 / L19 / K19 / D19 / C19 / AF20 / AE20 / T20 / R20 / M20 / L20 / D21 / C22 / AC25 / Y25 / W25 / AC26 / R26 / L26 / A26 / G27 / B27 vdds_sram SRAM LDOs W16 NA U12 NA AA12 vdds_mmc1 Input power for K25 NA N23 NA N24 MMC1 dual voltage buffers vdds_x Power supply for P25 NA P23 NA H8 dual voltage GPIOs vss Ground M28 NA L19 NA NA vdds IO power plane AG20 NA AD18 NA NA vss Ground AG16 NA AC16 NA NA vdds IO power plane H28 NA L20 NA NA cap_vdd_sram_mpu_i Decoupling V4 NA N9 NA U8 va capacitor for SRAM in processor domains cap_vdd_sram_core Decoupling L21 NA K20 NA H17 capacitor for CORE domain (SRAM) vdds IO power plane AG21 NA AD19 NA NA cap_vddu_array Decoupling AH20 NA AE19 NA N20 capacitor for WKUP/EMU domains (array) vss Ground AH21 NA AC19 NA NA cap_vdd_bb_mpu_iva Decoupling U4 NA D6 NA N21 capacitor for processor domains (bb) sys_xtalgnd Kelvin ground Y17 NA AF23 NA W15 (1) NA in this table stands for "Not applicable". (2) For a list of pins not supported on a particular package, see Table 2-4. Copyright © 2010–2011, Texas Instruments Incorporated TERMINAL DESCRIPTION 113 Submit Documentation Feedback Product Folder Link(s): DM3730 DM3725 |