| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DM300018 Datasheet(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM300018 Datasheet(HTML) 41 Page - Microchip Technology |
|
41 / 115 page ![]() Using the dsPIC30F2012 © 2005 Microchip Technology Inc. DS51558A-page 35 5.4 DEVICE PROGRAMMING Load the sample application program for the dsPIC30F2012 using this process: 1. Plug the RJ11 (telephone) cable from the MPLAB ICD 2 into the ICD header (J1). Make sure the USB cable from the MPLAB ICD 2 is connected to your PC. 2. Start MPLAB IDE. 3. Open the dsPIC30F2012 sample project ( File>Open Workspace) from path/dsPICDEM 2 Development Kit/Exam- ple Software/30F2012/Demo.mcw . 4. Build the sample project in MPLAB IDE ( Project>Build All). 5. On the dsPICDEM™ 2 board set all positions on switches S3 and S4 to off. Then set switch S2 to GP 28. The MPLAB ICD 2 is now connected to the PGC and PGD pins on the dsPIC30F2012. 6. Download the sample application ( Programmer>Program). The Output window (Figure 5-2) displays the status as the download occurs and indicates when the programming has succeeded. FIGURE 5-2: PROGRAMMING THE dsPIC30F2012 DEVICE 7. Disconnect the MPLAB ICD 2 cable from the ICD header. The program is now ready to run (see Section 5.5 “Observing the Sample Application”). Note: For detailed information and procedures on using the MPLAB IDE and ICD 2 refer to Chapter 2 “Getting Started”. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |