| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DM300018 Datasheet(PDF) 44 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM300018 Datasheet(HTML) 44 Page - Microchip Technology |
|
44 / 115 page ![]() dsPICDEM 2 Development Board User’s Guide DS51558A-page 38 © 2005 Microchip Technology Inc. FIGURE 5-3: CONFIGURATION BITS WINDOW 5.6.2 Examining the Code After the application has been reprogrammed to use the MPLAB ICD 2 as a debugger, you can use MPLAB IDE to run, halt and step the program. You can set breakpoints to halt the program and examine the actual code at any point. You can also examine the contents of the RAM and registers whenever the processor is halted. Refer to Section 2.3 “Getting Started” for an overview of the sample application. Flowcharts illustrate each of these processes: • Startup and initialization • Main loop processing • A/D conversion processing • External interrupt processing The dsPICDEM 2 Development Kit/Example Software/30F2012 folder contains fully annotated code files that you can examine, compare and copy. 5.7 SUMMARY This chapter has provided specific instructions for using the dsPICDEM 2 Development Board with a dsPIC30F2012 device. If you have reviewed this process, you should be able to: • Configure the dsPICDEM 2 Development Board for the dsPIC30F2012 device. • Set up MPLAB IDE to use the MPLAB ICD 2 In-Circuit Debugger. • Locate the sample application for the dsPIC30F2012 device. • Program the chip with the MPLAB ICD 2. • Examine the sample application and identify applicable code for your embedded solution. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |