| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DM300018 Datasheet(PDF) 78 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM300018 Datasheet(HTML) 78 Page - Microchip Technology |
|
78 / 115 page ![]() dsPICDEM 2 Development Board User’s Guide DS51558A-page 72 © 2005 Microchip Technology Inc. 11.5 OBSERVING THE SAMPLE APPLICATION 1. Press RESET ALL. The program begins to run. 2. Set up a HyperTerminal session on the PC to run with these parameters: As a shortcut, you can launch the Hyperterminal_RS232_dsPICDEM2.ht file in the dsPICDEM 2 Development Kit/Example Software/30F2010 folder. 3. See information on LCD. Note that the HyperTerminal displays the same information. 4. Adjust temperature and note LCD and HyperTerminal readings. 5. Adjust potentiometer and note LCD and HyperTerminal readings. 6. Observe the rate at which LEDs D3 and D4 blink. 7. Press S5 (INT0) and note the affect on D3 and D4. 8. Press S6 (INT1) and note the affect on D3 and D4. Port Setting Value Bits per second 9600 Data bits 8 Parity None Stop bits 1 Flow control None |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |