| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AX2000 Datasheet(PDF) 167 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000 Datasheet(HTML) 167 Page - Microsemi Corporation |
|
167 / 262 page ![]() Axcelerator Family FPGAs Re vi s i on 18 3 - 41 IO153PB7F14 M6 IO154NB7F14 K2 IO154PB7F14 L2 IO155NB7F14 K3 IO155PB7F14 L3 IO156NB7F14 L5 IO156PB7F14 L4 IO157NB7F14 L6 IO157PB7F14 L7 IO158NB7F15 J1 IO158PB7F15 K1 IO159NB7F15 J4 IO159PB7F15 K4 IO160NB7F15 H2 IO160PB7F15 J2 IO161NB7F15 K6 IO161PB7F15 K5 IO162NB7F15 H3 IO162PB7F15 J3 IO163NB7F15 G2 IO163PB7F15 G1 IO164NB7F15 G4 IO164PB7F15 H4 IO165NB7F15 F3 IO165PB7F15 G3 IO166NB7F15 E2 IO166PB7F15 F2 IO167NB7F15 F5 IO167PB7F15 G5 Dedicated I/O GND A1 GND A13 GND A14 GND A19 GND A26 FG676 AX500 Function Pin Number GND A8 GND AC23 GND AC4 GND AD24 GND AD3 GND AE2 GND AE25 GND AF1 GND AF13 GND AF14 GND AF19 GND AF26 GND AF8 GND B2 GND B25 GND B26 GND C24 GND C3 GND G20 GND G7 GND H1 GND H19 GND H26 GND H8 GND J18 GND J9 GND K10 GND K11 GND K12 GND K13 GND K14 GND K15 GND K16 GND K17 GND L10 FG676 AX500 Function Pin Number GND L11 GND L12 GND L13 GND L14 GND L15 GND L16 GND L17 GND M10 GND M11 GND M12 GND M13 GND M14 GND M15 GND M16 GND M17 GND N1 GND N10 GND N11 GND N12 GND N13 GND N14 GND N15 GND N16 GND N17 GND N26 GND P1 GND P10 GND P11 GND P12 GND P13 GND P14 GND P15 GND P16 GND P17 GND P26 FG676 AX500 Function Pin Number |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |