| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AX2000 Datasheet(PDF) 168 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000 Datasheet(HTML) 168 Page - Microsemi Corporation |
|
168 / 262 page ![]() Package Pin Assignments 3- 42 R e v i sio n 1 8 GND R10 GND R11 GND R12 GND R13 GND R14 GND R15 GND R16 GND R17 GND T10 GND T11 GND T12 GND T13 GND T14 GND T15 GND T16 GND T17 GND U10 GND U11 GND U12 GND U13 GND U14 GND U15 GND U16 GND U17 GND V18 GND V9 GND W1 GND W19 GND W26 GND W8 GND Y20 GND Y7 GND/LP C2 NC A11 NC A21 FG676 AX500 Function Pin Number NC A22 NC A24 NC A25 NC AA11 NC AA19 NC AA20 NC AA4 NC AA5 NC AA6 NC AA7 NC AA8 NC AA9 NC AB1 NC AB11 NC AB17 NC AB18 NC AB19 NC AB20 NC AB8 NC AB9 NC AC1 NC AC13 NC AC14 NC AC25 NC AD1 NC AD11 NC AD16 NC AD25 NC AE1 NC AF2 NC AF25 NC B11 NC B24 NC B4 NC C16 FG676 AX500 Function Pin Number NC C4 NC D1 NC D13 NC D14 NC D17 NC D18 NC D2 NC D26 NC D3 NC D9 NC E1 NC E18 NC E23 NC E24 NC E26 NC E3 NC E4 NC E9 NC F1 NC F18 NC F20 NC F21 NC F22 NC F23 NC F24 NC F4 NC F6 NC F7 NC G21 NC G22 NC H21 NC H22 NC H23 NC H5 NC H6 FG676 AX500 Function Pin Number |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |