| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS3677 Datasheet(PDF) 60 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3677 Datasheet(HTML) 60 Page - ams AG |
|
60 / 68 page ![]() www.austriamicrosystems.com/AS3677 1v3-1 59 - 67 AS3677 Datasheet - D e ta i l e d D e s c r i p t i o n Charge pump Step up regulator Any current sink ADC conversion started PWM active Pattern mode active. If any of these blocks are already switched on the internal oscillator is running and a write instruction to the registers is directly evaluated within 1 internal CLK cycle (typ. 1µs) If all these blocks are disabled, a write instruction to enable these blocks is delayed by 64 CLK cycles (oscillator will startup, within max 200µs). The mode switching is shown in Figure 37: Figure 37. Startup and Operating Mode Selection ! " # $ $%&'& "( ! ! )* ) + "$,- !! ! )* .,/0 1 ) 2 1 ! 1 3 ) * 1 ) 4 1 56 )4 1 2 ) 4 "$785, 2 3 + 2 3 ! + !! !! ! )* .99/0 1 ) 2 1 ! 1 3 ) * 1 ) 4 156 )4 1 2 )4 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |