| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN3375 Datasheet(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3375 Datasheet(HTML) 70 Page - STMicroelectronics |
|
70 / 73 page ![]() Project example AN3375 70/73 Doc ID 018637 Rev 1 5.2 Application functions The steps required to setup communications with an M24LRXX-R tag are the following: 1. Configure the CR95HF by issuing an M24LRXX_SelectProtocol command to select ISO15693 protocol. The parameters passed by the command are: a) Backscatter data rate set to 26 kbps (ISO15693_TRANSMISSION_26) b) Modulation depth of 100% (ISO15693_MODULATION_100) c) Single subcarrier for contactless tag response (ISO15693_SINGLE_SUBCARRIER) d) CRC16 management byte (M24LRXX_APPENDCRC) M24LRXX_SelectProtocol(M24LRXX_TRANSMISSION_26, M24LRXX_WAIT_FOR_SOF, M24LRXX_MODULATION_100, M24LRXX_SINGLE_SUBCARRIER, M24LRXX_APPENDCRC); 2. Create a request flags according to the previous select command. The subcarrier and data rate must match. InventoryFlagByte = M24LRXX_CreateRequestFlag ( M24LRXX_REQFLAG_SINGLESUBCARRIER, M24LRXX_REQFLAG_HIGHDATARATE, M24LRXX_REQFLAG_INVENTORYFLAGSET, M24LRXX_REQFLAG_NOPROTOCOLEXTENSION, M24LRXX_REQFLAG_NOTAFI, M24LRXX_REQFLAG_1SLOT, M24LRXX_REQFLAG_OPTIONFLAGNOTSET, M24LRXX_REQFLAG_RFUNOTSET); 3. Send an inventory command: M24LRXX_InventoryOneSlot ( InventoryFlagByte , MAIN_DONTCARE, MAIN_DONTCARE, MAIN_DONTCARE, M24LRXX_APPENDCRC, MAIN_DONTCARE, ReaderRecBuf ); 4. Extract the different elements from the CR95HF response. The inventory response contains a reply flag, the DSFID byte, and the contactless tag UID. The whole Split commands checks the CRC16 residue of contactless tag reply. status = M24LRXX_SplitInventoryResponse ( ReaderRecBuf, Table 107. Select command and request flag corresponding parameters Select command parameter Request flags parameter M24LRXX_SINGLE_SUBCARRIER M24LRXX_REQFLAG_SINGLESUBCARRIER M24LRXX_TRANSMISSION_26 M24LRXX_REQFLAG_HIGHDATARATE |