Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AN3375 Datasheet(PDF) 36 Page - STMicroelectronics

No. de pieza AN3375
Descripción Electrónicos  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 32Page - STMicroelectronics AN3375 Datasheet HTML 33Page - STMicroelectronics AN3375 Datasheet HTML 34Page - STMicroelectronics AN3375 Datasheet HTML 35Page - STMicroelectronics AN3375 Datasheet HTML 36Page - STMicroelectronics AN3375 Datasheet HTML 37Page - STMicroelectronics AN3375 Datasheet HTML 38Page - STMicroelectronics AN3375 Datasheet HTML 39Page - STMicroelectronics AN3375 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
ISO15693 library (intermediate layer)
AN3375
36/73
Doc ID 018637 Rev 1
3.5.2
ISO15693_GetUID function
This function returns the UID of the ISO15693 contactless tag extracted from the
ISO15693_Inventory command response.
3.5.3
ISO15693_GetDSFID function
This function returns the DSFID byte of the ISO15693 contactless tag, extracts from
theISO15693_GetSystemInfo command response.
Output parameter
none
Return parameter
RESULTOK: CR95HF returns a succeeded response
ERRORCODE_GENERIC: Parameter error or CR95HF
returns an error code
Table 42.
ISO15693_SelectProtocol function description (continued)
Function description
Table 43.
ISO15693_GetUID function description
Function description
Prototype
result = int8_t ISO15693_GetUID (uint8_t
*UIDout);
Input parameter
none
Output parameter
UIDout: pointer to contactless tag UID
Return parameter
ERRORCODE_GENERIC: a parameter value is erroneous
or CR95HF returns an error code
RESULTOK: CR95HF returns a succeeded code
ISO15693_ERRORCODE_PARAMETERLENGTH:
MaskLength value is erroneous
Table 44.
ISO15693_GetDSFID function description
Function description
Prototype
result = int8_t ISO15693_GetDSFID
(uint8_t *DSFIDout);
Input parameter
none
Output parameter
DSFIDout: DSFID byte of the ISO15693 contactless tag
Return parameter
ERRORCODE_GENERIC: a parameter value is erroneous
or CR95HF returns an error code
RESULTOK: CR95HF returns a succeeded code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73