| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN3375 Datasheet(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3375 Datasheet(HTML) 38 Page - STMicroelectronics |
|
38 / 73 page ![]() ISO15693 library (intermediate layer) AN3375 38/73 Doc ID 018637 Rev 1 3.5.6 ISO15693_GetIcRef function This function returns the IC reference byte of ISO15693 card, extracted from the ISO15693_GetSystemInfo command response. 3.5.7 ISO15693_IsPresent function This function returns RESULTOK if an ISO15693 contactless tag is present in the RF field. 3.5.8 ISO15693_IsCollisionDetected function This function returns RESULTOK if a collision between two contactless tags has been detected. Table 47. ISO15693_GetIcRef function description Function description Prototype result = int8_t ISO15693_GetIcRef (uint8_t *IcRefOut); Input parameter none Output parameter IcRefOut: IC reference byte of the ISO15693 contactless tag Return parameter ERRORCODE_GENERIC: a parameter value is erroneous or CR95HF returns an error code RESULTOK: CR95HF returns a succeeded code Table 48. ISO15693_IsPresent function description Function description Prototype result = int8_t ISO15693_IsPresent (void); Input parameter none Output parameter none Return parameter ERRORCODE_GENERIC: a parameter value is erroneous or CR95HF returns an error code RESULTOK: CR95HF returns a succeeded code Table 49. ISO15693_IsCollisionDetected function description Function description Prototype result = int8_t ISO15693_IsCollisionDetected(uc8 *pTagReply); Input parameter pTagReply: pointer of contactless tag response Output parameter none Return parameter RESULTOK: collision detected ERRORCODE_GENERIC: collision not detected |