| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LT1013 Datasheet(PDF) 9 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1013 Datasheet(HTML) 9 Page - Linear Technology |
|
9 / 20 page ![]() 9 LT1013/LT1014 APPLICATIONS INFORMATION Low Supply Operation The minimum supply voltage for proper operation of the LT1013/1014 is 3.4V (three Ni-Cad batteries). Typical supply current at this voltage is 290 µA, therefore power dissipation is only one milliwatt per amplifier. Noise Testing For applications information on noise testing and calcula- tions, please see the LT1007 or LT1008 data sheet. Test Circuit for Offset Voltage and Offset Drift with Temperature LT1013 OR LT1014 +15V –15V 100 Ω* 50k* 50k* VO RESISTOR MUST HAVE LOW THERMOELECTRIC POTENTIAL. THIS CIRCUIT IS ALSO USED AS THE BURN-IN CONFIGURATION, WITH SUPPLY VOLTAGES INCREASED TO ±20V. VO = 1000VOS * ** TYPICAL APPLICATIONS 50MHz Thermal rms to DC Converter – + LT1014 LT1014 8 10 9 7 4 11 6 5 0V–4V OUTPUT 10k* 10k* 10k* 10k* 10k 10k* 20k FULL- SCALE TRIM +5V LT1014 14 13 12 10k* 100k* 0.01 0.01 LT1014 1 2 3 100k* 0.01 300 Ω* 30k* 1 µF 1 µF 10k 10k T1A T1B T2B T2A BRN RED RED GRN GRN BRN INPUT 300mV– 10VRMS +5V 2% ACCURACY, DC–50MHz. 100:1 CREST FACTOR CAPABILITY. 0.1% RESISTOR. T1–T2 = YELLOW SPRINGS INST. CO. THERMISTOR COMPOSITE #44018. ENCLOSE T1 AND T2 IN STYROFOAM. 7.5mW DISSIPATION. * 30k* – + 1/2 LT1013 8 4 7 5 6 +5V OUTPUT A R2 R1 1 µF 1 µF 5 2 3 15 6 18 +INPUT –INPUT – + 1/2 LT1013 1 3 2 OUTPUT B R2 R1 1 µF 8 11 12 14 7 13 +INPUT –INPUT 1/2 LTC1043 1/2 LTC1043 16 0.01 OFFSET = 150 µV GAIN = + 1. CMRR = 120dB. COMMON-MODE RANGE IS 0V TO 5V. R2 R1 1 µF 5V Single Supply Dual Instrumentation Amplifier |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |