| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LT1013 Datasheet(PDF) 5 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1013 Datasheet(HTML) 5 Page - Linear Technology |
|
5 / 20 page ![]() 5 LT1013/LT1014 TYPICAL PERFORMANCE CHARACTERISTICS Offset Voltage Drift with Temperature of Representative Units TEMPERATURE ( °C) –50 200 100 0 –100 –200 0 50 75 –25 25 100 125 VS = ±15V TIME AFTER POWER ON (MINUTES) 0 5 4 3 2 1 0 4 1 2 3 5 VS = ±15V TA = 25°C LT1013 CERDIP (J) PACKAGE LT1013 METAL CAN (H) PACKAGE LT1014 Warm-Up Drift BALANCED SOURCE RESISTANCE ( Ω) 1k 3k 10k 30k 100k 300k 1M 3M 10M 10 1 0.1 0.01 VS = 5V, 0V, –55°C TO 125°C VS = ±15V, 0V, –55°C TO 125°C VS = 5V, 0V, 25°C VS = ±15V, 0V, 25°C – + RS RS Offset Voltage vs Balanced Source Resistance Common-Mode Rejection Ratio vs Frequency 0.1Hz to 10Hz Noise Power Supply Rejection Ratio vs Frequency FREQUENCY (Hz) 10 120 100 80 60 40 20 0 100 1k 10k 100k 1M VS = 5V, 0V VS = ±15V TA = 25°C FREQUENCY (Hz) 0.1 120 100 80 60 40 20 0 100 10k 110 1k 100k 1M POSITIVE SUPPLY NEGATIVE SUPPLY VS = ±15V + 1VP-P SINE WAVE TA = 25°C TIME (SECONDS) 0 8 2 4 6 10 TA = 25°C VS = ±2V TO ±18V 10Hz Voltage Noise Distribution Noise Spectrum Supply Current vs Temperature FREQUENCY (Hz) 1 1000 100 10 300 30 10 100 1k CURRENT NOISE VOLTAGE NOISE 1/f CORNER 2Hz TA = 25°C VS = ±2V TO ±18V VOLTAGE NOISE DENSITY (nV/ √Hz) 10 200 180 160 140 120 100 80 60 40 20 0 50 20 30 40 60 VS = ±15V TA = 25°C 328 UNITS TESTED FROM THREE RUNS TEMPERATURE ( °C) –50 460 420 380 340 300 260 0 50 75 –25 25 100 125 VS = ±15V VS = 5V, 0V |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |