| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LT1013 Datasheet(PDF) 4 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1013 Datasheet(HTML) 4 Page - Linear Technology |
|
4 / 20 page ![]() 4 LT1013/LT1014 V S = ±15V, VCM = 0V, – 55°C ≤ TA ≤ 125°C unless otherwise noted ELECTRICAL CHARACTERISTICS Note 2: This parameter is not 100% tested. The q denotes specifications which apply over the full operating temperature range. LT1013AM LT1014AM LT1013M/LT1014M MIN TYP MAX MIN TYP MAX MIN TYP MAX VOS Input Offset Voltage q — 80 300 — 90 350 — 110 550 µV VS = + 5V, 0V; VO = + 1.4V –55 °C ≤ TA ≤ 100°C q — 80 450 — 90 480 — 100 750 µV VCM = 0.1V, TA = 125°C — 120 450 — 150 480 — 200 750 µV VCM = 0V, TA = 125°C — 250 900 — 300 960 — 400 1500 µV Input Offset Voltage Drift (Note 2) q — 0.4 2.0 — 0.4 2.0 — 0.5 2.5 µV/°C IOS Input Offset Current q — 0.3 2.5 — 0.3 2.8 — 0.4 5.0 nA VS = + 5V, 0V; VO = +1.4V q — 0.6 6.0 — 0.7 7.0 — 0.9 10.0 nA IB Input Bias Current q —1530 — 15 30 —1845 nA VS = + 5V, 0V; VO = +1.4V q —2080 — 25 90 —28 120 nA AVOL Large Signal Voltage Gain VO = ±10V, RL = 2k q 0.5 2.0 — 0.4 2.0 — 0.25 2.0 — V/ µV CMRR Common-Mode Rejection VCM = +13.0V, – 14.9V q 97 114 — 96 114 — 94 113 — dB PSRR Power Supply Rejection VS = ±2V to ±18V q 100 117 — 100 117 — 97 116 — dB Ratio VOUT Output Voltage Swing RL = 2k q ±12 ±13.8 — ±12 ±13.8 — ±11.5 ±13.8 — V VS = +5V, 0V RL = 600Ω to Ground Output Low q — 6 15 — 615 — 618 mV Output High q 3.2 3.8 — 3.2 3.8 — 3.1 3.8 — V IS Supply Current q — 0.38 0.60 — 0.38 0.60 — 0.38 0.7 mA Per Amplifier VS = +5V, 0V; VO = +1.4V q — 0.34 0.55 — 0.34 0.55 — 0.34 0.65 mA SYMBOL PARAMETER CONDITIONS UNITS ELECTRICAL CHARACTERISTICS VS = ±15V, VCM = 0V, –40°C ≤ TA ≤ 85°C for LT1013I, LT1014I, 0°C ≤ TA ≤ 70°C for LT1013C, LT1013D, LT1014C, LT1014D unless otherwise noted LT1013C/D/I LT1014C/D/I MIN TYP MAX MIN TYP MAX MIN TYP MAX VOS Input Offset Voltage q — 55 240 — 65 270 — 80 400 µV LT1013D/I, LT1014D/I q — — — — — — — 230 1000 µV VS = +5V, 0V; VO = 1.4V q — 75 350 — 85 380 — 110 570 µV LT1013D/I, LT1014D/I VS = +5V, 0V; VO = 1.4V q — — — — — — — 280 1200 µV Average Input Offset (Note 2) q — 0.3 2.0 — 0.3 2.0 — 0.4 2.5 µV/°C Voltage Drift LT1013D/I, LT1014D/I q ——— ——— — 0.7 5.0 µV/°C IOS Input Offset Current q — 0.2 1.5 — 0.2 1.7 — 0.3 2.8 nA VS = +5V, 0V; VO = 1.4V q — 0.4 3.5 — 0.4 4.0 — 0.5 6.0 nA IB Input Bias Current q —1325 — 13 25 —1638 nA VS = +5V, 0V; VO = 1.4V q —1855 — 20 60 —2490 nA AVOL Large Signal Voltage Gain VO = ±10V, RL = 2k q 1.0 5.0 — 1.0 5.0 — 0.7 4.0 — V/ µV CMRR Common-Mode Rejection VCM = +13.0V, – 15.0V q 98 116 — 98 116 — 94 113 — dB Ratio PSRR Power Supply Rejection VS = ±2V to ±18V q 101 119 — 101 119 — 97 116 — dB Ratio VOUT Output Voltage Swing RL = 2k q ±12.5 ±13.9 — ±12.5 ±13.9 — ±12.0 ±13.9 — V VS = +5V, 0V; RL = 600Ω Output Low q — 613 — 613 — 613 mV Output High q 3.3 3.9 — 3.3 3.9 — 3.2 3.9 — V IS Supply Current per Amplifier q — 0.36 0.55 — 0.36 0.55 — 0.37 0.60 mA VS = +5V, 0V; VO = 1.4V q — 0.32 0.50 — 0.32 0.50 — 0.34 0.55 mA SYMBOL PARAMETER CONDITIONS UNITS LT1013AC LT1014AC |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |