Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RFSA2614SR Datasheet(PDF) 3 Page - RF Micro Devices

No. de pieza RFSA2614SR
Descripción Electrónicos  PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RFMD [RF Micro Devices]
Página de inicio  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2614SR Datasheet(HTML) 3 Page - RF Micro Devices

  RFSA2614SR Datasheet HTML 1Page - RF Micro Devices RFSA2614SR Datasheet HTML 2Page - RF Micro Devices RFSA2614SR Datasheet HTML 3Page - RF Micro Devices RFSA2614SR Datasheet HTML 4Page - RF Micro Devices RFSA2614SR Datasheet HTML 5Page - RF Micro Devices RFSA2614SR Datasheet HTML 6Page - RF Micro Devices RFSA2614SR Datasheet HTML 7Page - RF Micro Devices RFSA2614SR Datasheet HTML 8Page - RF Micro Devices RFSA2614SR Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 of 9
RFSA2614
DS120706
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Broadband Application Circuit Performance
(with ACG capacitors)
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
Gain versus Frequency, Reference State (0dB)
85C
25C
-40C
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
Normalized Attenuation, Major States
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
RF2 RL versus Frequency, Major States
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
RF1 RL versus Frequency, Major States
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
-20
-10
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
Relative Phase, Major States
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
35
40
45
50
55
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Input IP3 versus Frequency, All States, 25C
States 28 thru 31.5dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com