Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RFSA2614SR Datasheet(PDF) 1 Page - RF Micro Devices

No. de pieza RFSA2614SR
Descripción Electrónicos  PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RFMD [RF Micro Devices]
Página de inicio  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2614SR Datasheet(HTML) 1 Page - RF Micro Devices

  RFSA2614SR Datasheet HTML 1Page - RF Micro Devices RFSA2614SR Datasheet HTML 2Page - RF Micro Devices RFSA2614SR Datasheet HTML 3Page - RF Micro Devices RFSA2614SR Datasheet HTML 4Page - RF Micro Devices RFSA2614SR Datasheet HTML 5Page - RF Micro Devices RFSA2614SR Datasheet HTML 6Page - RF Micro Devices RFSA2614SR Datasheet HTML 7Page - RF Micro Devices RFSA2614SR Datasheet HTML 8Page - RF Micro Devices RFSA2614SR Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
 
1
2
3
4
5
6
18
17
16
15
14
13
7
8
9
10
11
12
24
23
22
21
20
19
6 Bi t DSA
Logi c Cir cuit
N/C
Vcc
N/C
RF1
N/C
N/C
N/C
N/C
N/C
RF2
N/C
ACG6
RFSA2614
PARALLEL CONTROLLED DIGITAL STEP
ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
The RFSA2614 is a 6-bit digital step attenuator (DSA) that features high linearity
over the entire 31.5dB gain control range with excellent step accuracy in 0.5dB
steps. The parallel-controlled RFSA2614 has an on-chip decoder that is both 3V
and 5V compatible. It also offers a rugged Class 1B HBM ESD rating via on-chip
ESD circuitry.
Features
Frequency Range 50MHz to
4000MHz
6 Bits, 31.5dB Range, 0.5dB
Step
High Linearity, IIP3 >49dBm
3V and 5V Logic Compatible
On-chip Parallel Decoder
Parallel Programming Interface
On-chip ESD Protection >500V
HBM
Single Supply, 3V to 5V Operation
Applications
Transceiver RF and IF
Applications
Cellular, PCS, GSM, UMTS, LTE,
WiMax/WiFi
Wireless Data, Satellite
Terminals
Test Equipment
DS120706
Package: QFN, 24-Pin, 4mm x 4mm
RFSA2614Par-
allel Controlled
Digital Step
Attenuator
50MHz to
4000MHz, 6-
Bit, 0.5dB LSB
RFSA2614SR
7” Reel with 100 pieces
RFSA2614SQ
Sample bag with 25 pieces
RFSA2614TR7
7” Reel with 750 pieces
RFSA2614TR13
13” Reel with 2500 pieces
RFSA2614PCK-410 50MHz to 4000MHz PCBA with 5-piece sample bag


Número de pieza similar - RFSA2614SR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RF Micro Devices
RFSA2614SR RFMD-RFSA2614SR Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
More results

Descripción similar - RFSA2614SR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RF Micro Devices
RFSA2614 RFMD-RFSA2614 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
RDA1005L RFMD-RDA1005L Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 50MHZ TO 4000MHZ, 6 BIT
RFDA4005 RFMD-RFDA4005 Datasheet
1Mb / 15P
6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
RFSA2514 RFMD-RFSA2514 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
RFSA2524 RFMD-RFSA2524 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 1dB LSB
RFSA2534 RFMD-RFSA2534 Datasheet
1,012Kb / 12P
50MHz to 4000MHz, Digital Step Attenuator
RFSA2624 RFMD-RFSA2624_12 Datasheet
920Kb / 9P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
RFSA2644 RFMD-RFSA2644 Datasheet
1Mb / 12P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
RFSA2714 RFMD-RFSA2714 Datasheet
2Mb / 9P
Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
RFSA2724 RFMD-RFSA2724 Datasheet
2Mb / 9P
Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com