Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RFSA2614SR Datasheet(PDF) 6 Page - RF Micro Devices

No. de pieza RFSA2614SR
Descripción Electrónicos  PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RFMD [RF Micro Devices]
Página de inicio  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2614SR Datasheet(HTML) 6 Page - RF Micro Devices

  RFSA2614SR Datasheet HTML 1Page - RF Micro Devices RFSA2614SR Datasheet HTML 2Page - RF Micro Devices RFSA2614SR Datasheet HTML 3Page - RF Micro Devices RFSA2614SR Datasheet HTML 4Page - RF Micro Devices RFSA2614SR Datasheet HTML 5Page - RF Micro Devices RFSA2614SR Datasheet HTML 6Page - RF Micro Devices RFSA2614SR Datasheet HTML 7Page - RF Micro Devices RFSA2614SR Datasheet HTML 8Page - RF Micro Devices RFSA2614SR Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6 of 9
RFSA2614
DS120706
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Descriptions
Pin
Name
Description
1NC
No internal connection. EVB can be ground or no connect.
2VDD
Power supply.
3NC
No internal connection. EVB can be ground or no connect.
4RF1
RF port. External DC block required.
5NC
No internal connection. EVB can be ground or no connect.
6NC
No internal connection. EVB can be ground or no connect.
7ACG
AC ground connection for operation below 500MHz.
8ACG
AC ground connection for operation below 500MHz.
9ACG
AC ground connection for operation below 500MHz.
10
ACG
AC ground connection for operation below 500MHz.
11
ACG
AC ground connection for operation below 500MHz.
12
NC
No internal connection. EVB can be ground or no connect.
13
ACG
AC ground connection for operation below 500MHz.
14
NC
No internal connection. EVB can be ground or no connect.
15
RF2
RF port. External DC block required.
16
NC
No internal connection. EVB can be ground or no connect.
17
NC
No internal connection. EVB can be ground or no connect.
18
NC
No internal connection. EVB can be ground or no connect.
19
D5
16dB control bit.
20
D4
8dB control bit.
21
D3
4dB control bit.
22
D2
2dB control bit.
23
D1
1dB control bit.
24
D0
0.5dB control bit.
EPAD
GND
DC and RF ground. Must be soldered to EVB ground plane over a bed of vias for thermal and RF performance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com