Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TPS5432 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPS5432
Descripción Electrónicos  2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS5432 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS5432_15 Datasheet HTML 6Page - Texas Instruments TPS5432_15 Datasheet HTML 7Page - Texas Instruments TPS5432_15 Datasheet HTML 8Page - Texas Instruments TPS5432_15 Datasheet HTML 9Page - Texas Instruments TPS5432_15 Datasheet HTML 10Page - Texas Instruments TPS5432_15 Datasheet HTML 11Page - Texas Instruments TPS5432_15 Datasheet HTML 12Page - Texas Instruments TPS5432_15 Datasheet HTML 13Page - Texas Instruments TPS5432_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
TPS5432
SLVSB89A – MARCH 2012 – REVISED OCTOBER 2012
www.ti.com
The TPS5432 minimizes excessive output over-voltage transients by taking advantage of the over-voltage
comparator. When the regulated output voltage is greater than 107% of the nominal voltage, the over-voltage
comparator is activated, and the high side MOSFET is turned off and masked from turning on until the output
voltage is lower than 105%.
The SS (slow start) pin is used to minimize inrush currents during power up. A small value capacitor should be
coupled to the pin for slow start. The SS pin is discharged before the output power up to ensure a repeatable
restart after an over-temperature fault, UVLO fault or disabled condition.
The use of a frequency fold-back circuit reduces the switching frequency during startup and over current fault
conditions to help limit the inductor current.
DETAILED DESCRIPTION
FIXED FREQUENCY PWM CONTROL
The TPS5432 uses a fixed frequency, peak current mode control. The output voltage is compared through
external resistors on the VSENSE pin to an internal voltage reference by an error amplifier which drives the
COMP pin. An internal oscillator initiates the turn on of the high side power switch. The error amplifier output is
compared to the high side power switch current. When the power switch current reaches the COMP voltage level
the high side power switch is turned off and the low side power switch is turned on. The COMP pin voltage
increases and decreases as the output current increases and decreases. The device implements a current limit
by clamping the COMP pin voltage to a maximum level and also implements a minimum clamp for improved
transient response performance.
SLOPE COMPENSATION AND OUTPUT CURRENT
The TPS5432 adds a compensating ramp to the switch current signal. This slope compensation prevents sub-
harmonic oscillations as duty cycle increases. The available peak inductor current remains constant over the full
duty cycle range.
BOOTSTRAP VOLTAGE (BOOT)
The TPS5432 has an integrated boot regulator and requires a small ceramic capacitor between the BOOT and
PH pin to provide the gate drive voltage for the high side MOSFET. The value of the ceramic capacitor should be
0.1
μF. A ceramic capacitor with an X7R or X5R grade dielectric with a voltage rating of 10 V or higher is
recommended because of the stable characteristics over temperature and voltage.
The high side MOSFET is turned off using an UVLO circuit, allowing for the low side MOSFET to conduct when
the voltage from BOOT to PH drops below 2.1 V.
The device may work at 100% duty ratio as long as the BOOT-PH voltage is higher than the BOOT-PH UVLO
threshold; but, do not operate the device at 100% duty ratio with no load. See additional information regarding
100% duty ratio in the ENABLE AND UNDERVOLTAGE LOCKOUT section.
ERROR AMPLIFIER
The TPS5432 has a transconductance amplifier. The error amplifier compares the VSENSE voltage to the lower
of the SS pin voltage or the internal 0.808 V voltage reference. The transconductance of the error amplifier is
245
μA/V during normal operation. When the voltage of VSENSE pin is below 0.808 V and the device is
regulating using the SS voltage, the gm is 70
μA/V. The frequency compensation components are placed
between the COMP pin and ground.
VOLTAGE REFERENCE
The voltage reference system produces a precise ±3% voltage reference over temperature by scaling the output
of a temperature stable bandgap circuit. The bandgap and scaling circuits produce 0.808 V at the non-inverting
input of the error amplifier.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS5432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com