Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TPS5432 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TPS5432
Descripción Electrónicos  2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS5432 Datasheet(HTML) 2 Page - Texas Instruments

  TPS5432_15 Datasheet HTML 1Page - Texas Instruments TPS5432_15 Datasheet HTML 2Page - Texas Instruments TPS5432_15 Datasheet HTML 3Page - Texas Instruments TPS5432_15 Datasheet HTML 4Page - Texas Instruments TPS5432_15 Datasheet HTML 5Page - Texas Instruments TPS5432_15 Datasheet HTML 6Page - Texas Instruments TPS5432_15 Datasheet HTML 7Page - Texas Instruments TPS5432_15 Datasheet HTML 8Page - Texas Instruments TPS5432_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
1
2
3
4
8
7
6
5
BOOT
VIN
PH
GND
SS
EN
COMP
VSENSE
Thermal
Pad
TPS5432
SLVSB89A – MARCH 2012 – REVISED OCTOBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PIN CONFIGURATION
SO-8 WITH THERMAL PAD
(TOP VIEW)
PIN FUNCTIONS
PIN
DESCRIPTION
NAME
NUMBER
A bootstrap cap is required between BOOT and PH. If the voltage on this cap is below the minimum
BOOT
1
required by the output device, the output is forced to switch off until the cap is refreshed.
Error amplifier output, and input to the output switch current comparator. Connect frequency compensation
COMP
6
to this pin.
This pin has an internal pull up which enables switching if left open. To disable switching and reduce
EN
7
quiescent current, this pin must be pulled to ground.
GND
4
Ground. This pin should be electrically connected directly to the thermal pad under the IC
The source of the internal high side power MOSFET, and drain of the internal low side (synchronous)
PH
3
rectifier MOSFET.
SS
8
Slow start time setting. An external capacitor connected to this pin sets the output rise time
GND pin should be connected to the exposed thermal pad for proper operation. This thermal pad should
THERMAL PAD
9
be connected to any internal PCB ground plane using multiple vias for good thermal performance.
VIN
2
Supplies the control circuitry and switches of the power converter. The range is 2.95V to 6V.
VSENSE
5
Inverting node of the gm error amplifier.
ORDERING INFORMATION(1)
Tj
PACKAGE(2) (3)
ORDERABLE PART NUMBER
Tube
TPS5432DDA
–40°C to 125°C
8-pin SOIC PowerPAD™
Tape and Reel
TPS5432DDAR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
All package options have Cu NIPDAU lead/ball finish.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS5432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com