Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TPS5432 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS5432
Descripción Electrónicos  2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS5432 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS5432_15 Datasheet HTML 7Page - Texas Instruments TPS5432_15 Datasheet HTML 8Page - Texas Instruments TPS5432_15 Datasheet HTML 9Page - Texas Instruments TPS5432_15 Datasheet HTML 10Page - Texas Instruments TPS5432_15 Datasheet HTML 11Page - Texas Instruments TPS5432_15 Datasheet HTML 12Page - Texas Instruments TPS5432_15 Datasheet HTML 13Page - Texas Instruments TPS5432_15 Datasheet HTML 14Page - Texas Instruments TPS5432_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
ENFALLING
START
STOP
ENRISING
ENFALLING
p
h
ENRISING
V
V
V
V
R1
V
I
1
I
V
æ
ö
-
ç
÷
è
ø
=
æ
ö
-
+
ç
÷
è
ø
EN
i1
ihys
VIN
+
TPS5432
R1
R2
1.2 mA
3.4 mA
REF
OUT
REF
V
R2 =
R1
V
V
´
-
VSENSE
V
O
+
TPS5432
R1
R2
0.808 V
TPS5432
www.ti.com
SLVSB89A – MARCH 2012 – REVISED OCTOBER 2012
ADJUSTING THE OUTPUT VOLTAGE
The output voltage is set with a resistor divider from the output node to the VSENSE pin. It is recommended to
use divider resistors with 1% tolerance or better. Start with a 10 k
Ω for the R1 resistor, Figure 17, and use the
Equation 1 to calculate R2. To improve efficiency at light loads consider using larger value resistors. If the values
are too high the regulator is more susceptible to noise and voltage errors from the VSENSE input current are
noticeable.
Figure 17. Voltage Divider Circuit
(1)
ENABLE AND UNDERVOLTAGE LOCKOUT
The TPS5432 is disabled when the VIN pin voltage falls below 2.4V. If an application requires a higher under-
voltage lockout (UVLO), use the EN pin as shown in Figure 18 to adjust the input voltage UVLO by using two
external resistors. The EN pin has an internal pull-up current source that provides the default condition of the
TPS5432 operating when the EN pin floats. Once the EN pin voltage exceeds 1.23V, an additional 3.4µA of
hysteresis is added. When the EN pin is pulled below 1.19V, the 3.4µA is removed. This additional current
facilitates input voltage hysteresis.
If the target Vout > 2.4V, it is possible for the IC to work under 100% duty ratio without BOOT-PH voltage >
BOOT-PH UVLO threshold satisfied during power up and power down. To avoid this, it is strongly recommended
to add a resistor divider (R1 & R2 in Figure 18) at the EN pin to program VIN UVLO at a new threshold that is
higher than Vout.
Figure 18. Adjustable Under Voltage Lock Out
(2)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS5432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com