| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS0260CSSC28SUD20 Datasheet(PDF) 48 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS0260CSSC28SUD20 Datasheet(HTML) 48 Page - ON Semiconductor |
|
48 / 83 page ![]() AS0260 DS Rev. G Pub. 5/15 EN 48 ©Semiconductor Components Industries, LLC, 2015. AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi- tal Image Sensor Host Stream Assembly The output from the SOC will be in frames. Each frame will contain the following data; JPEG header without Huffman tables, Compressed data with or without restart markers and EOI. The host will need to add the following data; Video stream header, MJPEG frame header, Optional padding and Video stream footer and assemble all the data components in the correct sequence to create the UVC compliant stream. 0x99 0x9A 0xA2 0xA3 0xA4 0xA5 0xA6 0xA7 0xA8 0xA9 0xAA 0xB2 0xB3 0xB4 0xB5 0xB6 0xB7 0xB8 0xB9 0xBA 0xC2 0xC3 0xC4 0xC5 0xC6 0xC7 0xC8 0xC9 0xCA 0xD2 0xD3 0xD4 0xD5 0xD6 0xD7 0xD8 0xD9 0xD A 0xE2 0xE3 0xE4 0xE5 0xE6 0xE7 0xE8 0xE9 0xEA 0xF2 0xF3 0xF4 0xF5 0xF6 0xF7 0xF8 0xF9 0xFA }; |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |