| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS0260CSSC28SUD20 Datasheet(PDF) 70 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS0260CSSC28SUD20 Datasheet(HTML) 70 Page - ON Semiconductor |
|
70 / 83 page ![]() AS0260 DS Rev. G Pub. 5/15 EN 70 ©Semiconductor Components Industries, LLC, 2015. AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi- tal Image Sensor Sequential Write, Start at Random Location This sequence (Figure 41) starts in the same way as the single write to random location (Figure 40). Instead of generating a no-acknowledge bit after the first byte of data has been transferred, the master generates an acknowledge bit, and continues to perform byte writes until L bytes have been written. The write is terminated by the master gener- ating a stop condition. Figure 41: Sequential Write, Start at Random Location Slave Address 0 S A Reg Address[15:8] A Write Data Write Data A Reg Address[7:0] A Write Data Previous Reg Address, N Reg Address, M M+1 M+2 M+1 M+3 A A A Write Data Write Data M+L-2 M+L-1 M+L A A S |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |