Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PIC16LF84A Datasheet(PDF) 48 Page - Microchip Technology

No. de pieza PIC16LF84A
Descripción Electrónicos  18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF84A Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC16LF84A Datasheet HTML 44Page - Microchip Technology PIC16LF84A Datasheet HTML 45Page - Microchip Technology PIC16LF84A Datasheet HTML 46Page - Microchip Technology PIC16LF84A Datasheet HTML 47Page - Microchip Technology PIC16LF84A Datasheet HTML 48Page - Microchip Technology PIC16LF84A Datasheet HTML 49Page - Microchip Technology PIC16LF84A Datasheet HTML 50Page - Microchip Technology PIC16LF84A Datasheet HTML 51Page - Microchip Technology PIC16LF84A Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
PIC16F84A
DS35007A-page 48
Preliminary
© 1998 Microchip Technology Inc.
9.5.2
TIMING CONDITIONS
The temperature and voltages specified in Table 9-2
apply to all timing specifications unless otherwise
noted. All timings are measure between high and low
measurement points as indicated in Figure 9-1.
Figure 9-2 specifies the load conditions for the timing
specifications.
TABLE 9-2
TEMPERATURE AND VOLTAGE SPECIFICATIONS - AC
FIGURE 9-1:
PARAMETER MEASUREMENT INFORMATION
FIGURE 9-2:
LOAD CONDITIONS
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0˚C
≤ TA ≤ +70˚C for commercial
-40˚C
≤ TA ≤ +85˚C for industrial
Operating voltage VDD range as described in DC spec Section 9.1 and Section 9.2
0.9 VDD (High)
0.1 VDD (Low)
0.8 VDD RC
0.3 VDD XTAL
OSC1 Measurement Points
I/O Port Measurement Points
0.15 VDD RC
0.7 VDD XTAL
(High)
(Low)
Load Condition 1
Load Condition 2
Pin
RL
CL
VSS
VDD/2
VSS
CL
Pin
RL =
464
Ω
CL =
50 pF
for all pins except OSC2.
15 pF
for OSC2 output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com