Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PIC16LF84A Datasheet(PDF) 59 Page - Microchip Technology

No. de pieza PIC16LF84A
Descripción Electrónicos  18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF84A Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC16LF84A Datasheet HTML 55Page - Microchip Technology PIC16LF84A Datasheet HTML 56Page - Microchip Technology PIC16LF84A Datasheet HTML 57Page - Microchip Technology PIC16LF84A Datasheet HTML 58Page - Microchip Technology PIC16LF84A Datasheet HTML 59Page - Microchip Technology PIC16LF84A Datasheet HTML 60Page - Microchip Technology PIC16LF84A Datasheet HTML 61Page - Microchip Technology PIC16LF84A Datasheet HTML 62Page - Microchip Technology PIC16LF84A Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
PIC16F84A
© 1998 Microchip Technology Inc.
Preliminary
DS35007A-page 59
APPENDIX A: REVISION HISTORY
APPENDIX B: CONVERSION CONSIDERATIONS
Considerations for converting from one PIC16X8X
device to another are listed in Table B-1.
Version
Date
Revision Description
A
9/14/98
This is a new data sheet. However, the devices described in this data sheet are
the upgrades to the devices found in the
PIC16F8X Data Sheet, DS30430C.
TABLE B-1:
CONVERSION CONSIDERATIONS - PIC16C84, PIC16F83/F84, PIC16CR83/CR84,
PIC16F84A
Difference
PIC16C84
PIC16F83/F84
PIC16CR83/
CR84
PIC16F84A
Program Memory
size
1k x 14
512 x 14 / 1k x 14
512 x 14 / 1k x 14
1k x 14
Data Memory size
36 x 8
36 x 8 / 68 x 8
36 x 8 / 68 x 8
68 x 8
Voltage Range
2.0V - 6.0V
(-40
°C to +85°C)
2.0V - 6.0V
(-40
°C to +85°C)
2.0V - 6.0V
(-40
°C to +85°C)
2.0V - 5.5V
(-40
°C to +125°C)
Maximum Operat-
ing Frequency
10MHz
10MHz
10MHz
20MHz
Supply Current
(IDD). See parame-
ter # D014 in the
electrical spec’s for
more detail.
IDD (typ) = 60
µA
IDD (max) = 400
µA
(LP osc, FOSC =
32kHz, VDD = 2.0V,
WDT disabled)
IDD (typ) = 15
µA
IDD (max) = 45
µA
(LP osc, FOSC =
32kHz, VDD = 2.0V,
WDT disabled)
IDD (typ) = 15
µA
IDD (max) = 45
µA
(LP osc, FOSC =
32kHz, VDD = 2.0V,
WDT disabled)
IDD (typ) = 15
µA
IDD (max) = 45
µA
(LP osc, FOSC =
32kHz, VDD = 2.0V,
WDT disabled)
Power-down Current
(IPD). See parame-
ters # D020, D021,
and D021A in the
electrical spec’s for
more detail.
IPD (typ) = 26
µA
IPD (max) = 100
µA
(VDD = 2.0V, WDT
disabled, industrial)
IPD (typ) = 0.4
µA
IPD (max) = 9
µA
(VDD = 2.0V, WDT
disabled, industrial)
IPD (typ) = 0.4
µA
IPD (max) = 6
µA
(VDD = 2.0V, WDT
disabled, industrial)
IPD (typ) = 0.4
µA
IPD (max) = 9
µA
(VDD = 2.0V, WDT
disabled, industrial)
Input Low Voltage
(VIL). See parame-
ters # D032 and
D034 in the electri-
cal spec’s for more
detail.
VIL (max) = 0.2VDD
(Osc1, RC mode)
VIL (max) = 0.1VDD
(Osc1, RC mode)
VIL (max) = 0.1VDD
(Osc1, RC mode)
VIL (max) = 0.1VDD
(Osc1, RC mode)
Input High Voltage
(VIH). See parame-
ter # D040 in the
electrical spec’s for
more detail.
VIH (min) = 0.36VDD
(I/O Ports with TTL,
4.5V
≤ VDD ≤ 5.5V)
VIH (min) = 2.4V
(I/O Ports with TTL,
4.5V
≤ VDD ≤ 5.5V)
VIH (min) = 2.4V
(I/O Ports with TTL,
4.5V
≤ VDD ≤ 5.5V)
VIH (min) = 2.4V
(I/O Ports with TTL,
4.5V
≤ VDD ≤ 5.5V)
Data EEPROM
Memory
Erase/Write cycle
time (TDEW). See
parameter # D122 in
the electrical spec’s
for more detail.
TDEW (typ) = 10ms
TDEW (max) = 20ms
TDEW (typ) = 10ms
TDEW (max) = 20ms
TDEW (typ) = 10ms
TDEW (max) = 20ms
TDEW (typ) = 4ms
TDEW (max) = 10ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com