Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PIC16LF84A Datasheet(PDF) 60 Page - Microchip Technology

No. de pieza PIC16LF84A
Descripción Electrónicos  18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF84A Datasheet(HTML) 60 Page - Microchip Technology

Back Button PIC16LF84A Datasheet HTML 56Page - Microchip Technology PIC16LF84A Datasheet HTML 57Page - Microchip Technology PIC16LF84A Datasheet HTML 58Page - Microchip Technology PIC16LF84A Datasheet HTML 59Page - Microchip Technology PIC16LF84A Datasheet HTML 60Page - Microchip Technology PIC16LF84A Datasheet HTML 61Page - Microchip Technology PIC16LF84A Datasheet HTML 62Page - Microchip Technology PIC16LF84A Datasheet HTML 63Page - Microchip Technology PIC16LF84A Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
PIC16F84A
DS35007A-page 60
Preliminary
© 1998 Microchip Technology Inc.
Port Output
Rise/Fall time
(TioR, TioF). See
parameters #20,
20A, 21, and 21A in
the electrical spec’s
for more detail.
TioR, TioF (max) =
25ns (C84)
TioR, TioF (max) =
60ns (LC84)
TioR, TioF (max) =
35ns (C84)
TioR, TioF (max) =
70ns (LC84)
TioR, TioF (max) =
35ns (C84)
TioR, TioF (max) =
70ns (LC84)
TioR, TioF (max) =
35ns (C84)
TioR, TioF (max) =
70ns (LC84)
MCLR on-chip fil-
ter. See parameter
#30 in the electrical
spec’s for more
detail.
No
Yes
Yes
Yes
PORTA and crystal
oscillator values
less than 500kHz
For crystal oscilla-
tor configurations
operating below
500kHz, the device
may generate a spu-
rious internal
Q-clock when
PORTA<0> switches
state.
N/A
N/A
N/A
RB0/INT pin
TTL
TTL/ST*
(* Schmitt Trigger)
TTL/ST*
(* Schmitt Trigger)
TTL/ST*
(* Schmitt Trigger)
EEADR<7:6> and
IDD
It is recommended
that the
EEADR<7:6> bits
be cleared. When
either of these bits is
set, the maximum
IDD for the device is
higher than when
both are cleared.
N/A
N/A
N/A
The polarity of the
PWRTE bit
PWRTE
PWRTE
PWRTE
PWRTE
Recommended
value of REXT for RC
oscillator circuits
REXT = 3k
Ω - 100kΩ
REXT = 5k
Ω - 100kΩ
REXT = 5k
Ω - 100kΩ
REXT = 3k
Ω - 100kΩ
GIE bit uninten-
tional enable
If an interrupt occurs
while the Global
Interrupt Enable
(GIE) bit is being
cleared, the GIE bit
may unintentionally
be re-enabled by the
user’s Interrupt Ser-
vice Routine (the
RETFIE
instruction).
N/A
N/A
N/A
Packages
PDIP, SOIC
PDIP, SOIC
PDIP, SOIC
PDIP, SOIC, SSOP
TABLE B-1:
CONVERSION CONSIDERATIONS - PIC16C84, PIC16F83/F84, PIC16CR83/CR84,
PIC16F84A
Difference
PIC16C84
PIC16F83/F84
PIC16CR83/
CR84
PIC16F84A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com