Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RHFLVDS2281K1 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza RHFLVDS2281K1
Descripción Electrónicos  Rad-hard, dual 4x4 crosspoint switch LVDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDS2281K1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RHFLVDS2281K1 Datasheet HTML 2Page - STMicroelectronics RHFLVDS2281K1 Datasheet HTML 3Page - STMicroelectronics RHFLVDS2281K1 Datasheet HTML 4Page - STMicroelectronics RHFLVDS2281K1 Datasheet HTML 5Page - STMicroelectronics RHFLVDS2281K1 Datasheet HTML 6Page - STMicroelectronics RHFLVDS2281K1 Datasheet HTML 7Page - STMicroelectronics RHFLVDS2281K1 Datasheet HTML 8Page - STMicroelectronics RHFLVDS2281K1 Datasheet HTML 9Page - STMicroelectronics RHFLVDS2281K1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Maximum ratings and operating conditions
RHFLVDS2281
6/17
DocID027588 Rev 1
3
Maximum ratings and operating conditions
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1. All voltages, except the differential I/O bus voltage, are with respect to the network ground terminal.
4.8
V
Vi
TTL inputs (operating or cold-spare)
-0.3 to +4.8
VOUT
LVDS outputs (operating or coldspare)
-0.3 to +4.8
VCM
LVDS common mode (operating or cold-spare)
-5 to +6
Tstg
Storage temperature range
-65 to +150
°C
Tj
Maximum junction temperature
+150
Rthjc
Thermal resistance junction to case(2)
2. Short-circuits can cause excessive heating. Destructive dissipation can result from short-circuits on the
amplifiers.
20
°C/W
ESD
HBM: Human body model
– All pins excepted LVDS inputs and outputs
– LVDS inputs and outputs vs. GND
2
8
kV
CDM: Charge device model
500
V
Table 5. Operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply voltage
3
3.3
3.6
V
VCM
Static common mode
- 4
+ 5
TA
Ambient temperature range
-55
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com