Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RHFLVDS2281K1 Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza RHFLVDS2281K1
Descripción Electrónicos  Rad-hard, dual 4x4 crosspoint switch LVDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDS2281K1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button RHFLVDS2281K1 Datasheet HTML 4Page - STMicroelectronics RHFLVDS2281K1 Datasheet HTML 5Page - STMicroelectronics RHFLVDS2281K1 Datasheet HTML 6Page - STMicroelectronics RHFLVDS2281K1 Datasheet HTML 7Page - STMicroelectronics RHFLVDS2281K1 Datasheet HTML 8Page - STMicroelectronics RHFLVDS2281K1 Datasheet HTML 9Page - STMicroelectronics RHFLVDS2281K1 Datasheet HTML 10Page - STMicroelectronics RHFLVDS2281K1 Datasheet HTML 11Page - STMicroelectronics RHFLVDS2281K1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical characteristics
RHFLVDS2281
8/17
DocID027588 Rev 1
In Table 7 below, VCC = 3 V to 3.6 V, capa-load (CL) = 10 pF, typical values are at 
Tamb = +25 °C, min. and max values are at Tamb = - 55 °C and + 125 °C unless otherwise
specified.
Table 7. Electrical characteristics table
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Whole circuit
ICCL
Total enabled supply current,
drivers and receivers enabled,
not switching
VID = 400 mV and 
load = 100 W on all channels
67
80
mA
ICCZ
Total disabled supply current,
loaded or not loaded, drivers
and receivers disabled
VID = 400 mV
EN and ENCK = GND
20
Digital inputs EN, ENCK, and SL
VIH
Input voltage high
2
VCC
V
VIL
Input voltage low
GND
0.8
IIH
High level input current
VCC = 3.6 V, VIN = VCC
-10
10
µA
IIL
Low level input current
VCC = 3.6 V, VIN = 0
-10
10
IOFF
TTL inputs power off leakage
current
VCC = 0 V,
EN and SL = 3.6 V
-10
10
LVDS inputs
VTL
Differential input low threshold
VCM = 1.2 V
-100
mV
-4 V < VCM < +5 V
-130
VTH
Differential input high threshold
VCM = 1.2 V
+100
-4 V < VCM < +5 V
+130
VCL
TTL input clamp voltage
ICL = 18 mA
1.5
V
VCMR
Common mode voltage range
VID = 200 mVp-p
- 4
+5
VCMREJ Common mode rejection(1)
F = 10 MHz
300
mVp-p
IID
Differential input current
VID = 400 mVp-p
-10
10
µA
IICM
Common mode input current
VIC = - 4 V to + 5 V
-70
70
IOFFIN
LVDS input power-off leakage
current(2)
VCC = 0 V, VIN = -4 V to 5 V
-60
60
CIN
Input capacitance
3
pF
LVDS outputs
VOH
Output voltage high
1.65
V
VOL
Output voltage low
0.925
VOD
Differential output voltage
250
400
mV
DVOD
Change of magnitude of VOD for
complementary output states
10
VOS
Offset voltage
1.125
1.45
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com