Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD10HF60KD Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza GD10HF60KD
Descripción Electrónicos  Automotive-grade 10 A, 600 V, short-circuit rugged IGBT with Ultrafast diode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GD10HF60KD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button GD10HF60KD Datasheet HTML 2Page - STMicroelectronics GD10HF60KD Datasheet HTML 3Page - STMicroelectronics GD10HF60KD Datasheet HTML 4Page - STMicroelectronics GD10HF60KD Datasheet HTML 5Page - STMicroelectronics GD10HF60KD Datasheet HTML 6Page - STMicroelectronics GD10HF60KD Datasheet HTML 7Page - STMicroelectronics GD10HF60KD Datasheet HTML 8Page - STMicroelectronics GD10HF60KD Datasheet HTML 9Page - STMicroelectronics GD10HF60KD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical characteristics
STGD10HF60KD
6/21
DocID022874 Rev 3
Table 8. Collector-emitter diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
VF
Forward on-voltage
IF = 3 A
-
1.75
2.5
V
IF = 3 A, TC= 150 °C
-
1.45
V
trr
(1)
1.
Value guaranteed by design
Reverse recovery time
IF = 3 A, VR = 400 V,
di/dt = 100 A/µs
-50
ns
Qrr
(1)
Reverse recovery charge
-
45
nC
Irm
(1)
Reverse recovery current
-
1.7
A
trr
(1)
Reverse recovery time
IF = 3 A, VR = 400 V,
TC= 150 °C,
di/dt = 100 A/µs
-
100
ns
Qrr
(1)
Reverse recovery charge
-
150
nC
Irm
(1)
Reverse recovery current
-
3.1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com