Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD10HF60KD Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza GD10HF60KD
Descripción Electrónicos  Automotive-grade 10 A, 600 V, short-circuit rugged IGBT with Ultrafast diode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GD10HF60KD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button GD10HF60KD Datasheet HTML 6Page - STMicroelectronics GD10HF60KD Datasheet HTML 7Page - STMicroelectronics GD10HF60KD Datasheet HTML 8Page - STMicroelectronics GD10HF60KD Datasheet HTML 9Page - STMicroelectronics GD10HF60KD Datasheet HTML 10Page - STMicroelectronics GD10HF60KD Datasheet HTML 11Page - STMicroelectronics GD10HF60KD Datasheet HTML 12Page - STMicroelectronics GD10HF60KD Datasheet HTML 13Page - STMicroelectronics GD10HF60KD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Electrical characteristics
STGD10HF60KD
10/21
DocID022874 Rev 3
Figure 20. Diode forward voltage drop vs.
forward current
Figure 21. Peak reverse recovery current vs.
di/dt
(A)
2
0
0.5
1
V
0
1.5
4
6
2
TC=25°C
8
10
TC=125°C
2.5
12
14
FM(V)
I
FM
3
3.5
16
18
20
22
24
TC=-50°C
AM04940v1
Figure 22. Reverse recovery time vs. di/dt
Figure 23. Reverse recovery softness factor vs.
di/dt
Figure 24. Reverse recovery charges vs. di/dt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com