Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD10HF60KD Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza GD10HF60KD
Descripción Electrónicos  Automotive-grade 10 A, 600 V, short-circuit rugged IGBT with Ultrafast diode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GD10HF60KD Datasheet(HTML) 13 Page - STMicroelectronics

Back Button GD10HF60KD Datasheet HTML 9Page - STMicroelectronics GD10HF60KD Datasheet HTML 10Page - STMicroelectronics GD10HF60KD Datasheet HTML 11Page - STMicroelectronics GD10HF60KD Datasheet HTML 12Page - STMicroelectronics GD10HF60KD Datasheet HTML 13Page - STMicroelectronics GD10HF60KD Datasheet HTML 14Page - STMicroelectronics GD10HF60KD Datasheet HTML 15Page - STMicroelectronics GD10HF60KD Datasheet HTML 16Page - STMicroelectronics GD10HF60KD Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DocID022874 Rev 3
13/21
STGD10HF60KD
Test circuits
21
3
Test circuits
Figure 27.Test circuit for inductive load
switching
Figure 28.Gate charge test
Figure 29.Switching waveform
Figure 30.Diode reverse recovery waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com