Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

1040484 Datasheet(PDF) 3 Page - SICK AG

No. de pieza 1040484
Descripción Electrónicos  LONG RANGE DISTANCE SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SICK [SICK AG]
Página de inicio  http://www.sick.com/
Logo SICK - SICK AG

1040484 Datasheet(HTML) 3 Page - SICK AG

  1040484 Datasheet HTML 1Page - SICK AG 1040484 Datasheet HTML 2Page - SICK AG 1040484 Datasheet HTML 3Page - SICK AG 1040484 Datasheet HTML 4Page - SICK AG 1040484 Datasheet HTML 5Page - SICK AG 1040484 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS500-N611 | Dx500
LONG RANGE DISTANCE SENSORS
Ambient data
Enclosure rating
IP 65
Protection class
II 1)
Electromagnetic compatibility (EMC)
EN 61000-6-2, EN 55011
EN 60947-5-7: 2003-9
Ambient temperature
Operation with heating: –40 °C ... +45 °C
Operation with cooling case: –40 °C ... +75 °C
Storage: –25 °C ... +75 °C
Temperature drift
Typ. 0.05 mm/K
Mechanical load
Shock: EN 600 68-2-27
Sine: EN 600 68-2-6
Noise: EN 600 68-2-64
1) Reference voltage DC 32 V.
Dimensional drawing (Dimensions in mm (inch))
69 (2.72)
26
(1.02)
110 (4.33)
approx.
20
(0.79)
153 (6.02)
146 (5.75)
15
(0.59)
105 (4.13)
49 (1.93)
104 (4.09)
Ø 9
(0.35)
1
2
3
4
5
①  Optical axis, sender
②  Optical axis, receiver
③  Male connector M12, 5-pin
④  Zero level
⑤  Fixing hole
Connection type
Male connector M12, 5-pin
2016-05-02 22:08:07 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com