Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

1040484 Datasheet(PDF) 4 Page - SICK AG

No. de pieza 1040484
Descripción Electrónicos  LONG RANGE DISTANCE SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SICK [SICK AG]
Página de inicio  http://www.sick.com/
Logo SICK - SICK AG

1040484 Datasheet(HTML) 4 Page - SICK AG

  1040484 Datasheet HTML 1Page - SICK AG 1040484 Datasheet HTML 2Page - SICK AG 1040484 Datasheet HTML 3Page - SICK AG 1040484 Datasheet HTML 4Page - SICK AG 1040484 Datasheet HTML 5Page - SICK AG 1040484 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DS500-N611 | Dx500
LONG RANGE DISTANCE SENSORS
Connection diagram
L+
Q2
M
MF
Q1
1
2
4
brn
wht
blk
3
blu
5
gra
1
①  Multifunctional input (MF)
Adjustment possible
7
8
9
6
Q2
on
Q1
ESC
ENTER
⑥  Operating indicator
⑦  Indicator panel, 7-segment display
⑧  Control panel
⑨  Switching output display
Functional principle
Additional information
Extern Teach ET via MF 1
Teach-in
MF active
Model
100 ms
Current measurement value is used as
switching threshold
200 ms
300 ms
400 ms
Laser off
> 450 ms
1 Multi functional input.
Error performance or no object in measurement range
Measurement not possible
Measurement value output display
Switching outputs
0.000
Switching stage e measurement value 0 m
Measurement value output display
Switching outputs
99.99
Switching stage e measurement value 99.99 m
Q1
Q1
Q2
Q2
4
DISTANCE SENSORS | SICK
Online data sheet | 2016-05-02 22:08:07
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com