Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

1040484 Datasheet(PDF) 5 Page - SICK AG

No. de pieza 1040484
Descripción Electrónicos  LONG RANGE DISTANCE SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SICK [SICK AG]
Página de inicio  http://www.sick.com/
Logo SICK - SICK AG

1040484 Datasheet(HTML) 5 Page - SICK AG

  1040484 Datasheet HTML 1Page - SICK AG 1040484 Datasheet HTML 2Page - SICK AG 1040484 Datasheet HTML 3Page - SICK AG 1040484 Datasheet HTML 4Page - SICK AG 1040484 Datasheet HTML 5Page - SICK AG 1040484 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DS500-N611 | Dx500
LONG RANGE DISTANCE SENSORS
Function MF input
Function MF input
Teach in
Q
1
60 ms < MF < 150 ms
Teach in
¯
Q
1
150 ms < MF < 250 ms
Teach in
Q
2
250 ms < MF < 350 ms
Teach in
¯
Q
2
350 ms < MF < 450 ms
Laser off
–
450 ms < MF < ∞
Recommended accessories
Other models and accessories
www.sick.com/Dx500
Brief description
Type
Part no.
Terminal and alignment brackets
Alignment unit for DS/DT500, stainless steel (1.4541), incl. mounting material, mount-
ing hardware included
BEF-DSDT
2031377
Plug connectors and cables
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1205-G02M
6008899
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1205-G05M
6009868
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 10 m
DOL-1205-G10M
6010544
2016-05-02 22:08:07 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
5



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com