| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMP320F2811PBKA Datasheet(PDF) 41 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320F2811PBKA Datasheet(HTML) 41 Page - Texas Instruments |
|
41 / 147 page ![]() Functional Overview 41 June 2004 SPRS257 Figure 3−6 shows how the interrupts are multiplexed using the PIE block. Eight PIE block interrupts are grouped into one CPU interrupt. In total, 12 CPU interrupt groups, with 8 interrupts per group equals 96 possible interrupts. On R281x, 45 of these are used by peripherals as shown in Table 3−8. INT12 MUX INT11 INT2 INT1 CPU (Enable) (Flag) INTx INTx.8 PIEIERx(8:1) PIEIFRx(8:1) MUX INTx.7 INTx.6 INTx.5 INTx.4 INTx.3 INTx.2 INTx.1 From Peripherals or External Interrupts (Enable) (Flag) IER(12:1) IFR(12:1) Global Enable INTM 1 0 PIEACKx (Enable/Flag) Figure 3−6. Multiplexing of Interrupts Using the PIE Block Table 3−8. PIE Peripheral Interrupts† CPU PIE INTERRUPTS CPU INTERRUPTS INTx.8 INTx.7 INTx.6 INTx.5 INTx.4 INTx.3 INTx.2 INTx.1 INT1 WAKEINT (LPM/WD) TINT0 (TIMER 0) ADCINT (ADC) XINT2 XINT1 reserved PDPINTB (EV-B) PDPINTA (EV-A) INT2 reserved T1OFINT (EV-A) T1UFINT (EV-A) T1CINT (EV-A) T1PINT (EV-A) CMP3INT (EV-A) CMP2INT (EV-A) CMP1INT (EV-A) INT3 reserved CAPINT3 (EV-A) CAPINT2 (EV-A) CAPINT1 (EV-A) T2OFINT (EV-A) T2UFINT (EV-A) T2CINT (EV-A) T2PINT (EV-A) INT4 reserved T3OFINT (EV-B) T3UFINT (EV-B) T3CINT (EV-B) T3PINT (EV-B) CMP6INT (EV-B) CMP5INT (EV-B) CMP4INT (EV-B) INT5 reserved CAPINT6 (EV-B) CAPINT5 (EV-B) CAPINT4 (EV-B) T4OFINT (EV-B) T4UFINT (EV-B) T4CINT (EV-B) T4PINT (EV-B) INT6 reserved reserved MXINT (McBSP) MRINT (McBSP) reserved reserved SPITXINTA (SPI) SPIRXINTA (SPI) INT7 reserved reserved reserved reserved reserved reserved reserved reserved INT8 reserved reserved reserved reserved reserved reserved reserved reserved INT9 reserved reserved ECAN1INT (CAN) ECAN0INT (CAN) SCITXINTB (SCI-B) SCIRXINTB (SCI-B) SCITXINTA (SCI-A) SCIRXINTA (SCI-A) INT10 reserved reserved reserved reserved reserved reserved reserved reserved INT11 reserved reserved reserved reserved reserved reserved reserved reserved INT12 reserved reserved reserved reserved reserved reserved reserved reserved † Out of the 96 possible interrupts, 45 interrupts are currently used. the remaining interrupts are reserved for future devices. However, these interrupts can be used as software interrupts if they are enabled at the PIEIFRx level. |