| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMP320F2811PBKA Datasheet(PDF) 55 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320F2811PBKA Datasheet(HTML) 55 Page - Texas Instruments |
|
55 / 147 page ![]() Peripherals 55 June 2004 SPRS257 McBSP Receive Interrupt Select Logic DX DR Expand Logic DRR1 Receive Buffer RX FIFO Interrupt DRR2 Receive Buffer RX FIFO Registers RBR1 Register RBR2 Register McBSP Registers and Control Logic CLKX FSX CLKR FSR 16 Compand Logic DXR2 Transmit Buffer RSR1 XSR2 XSR1 Peripheral Read Bus 16 16 16 16 16 RSR2 DXR1 Transmit Buffer 16 LSPCLK MRINT To CPU McBSP RX Interrupt Logic RX FIFO _15 — RX FIFO _1 RX FIFO _0 RX FIFO _15 — RX FIFO _1 RX FIFO _0 McBSP Transmit Interrupt Select Logic TX FIFO Interrupt TX FIFO Registers MXINT To CPU TX Interrupt Logic 16 16 16 TX FIFO _15 — TX FIFO _1 TX FIFO _0 TX FIFO _15 — TX FIFO _1 TX FIFO _0 Peripheral Write Bus Figure 4−3. Event Manager A Functional Block Diagram (See Note A) 4.2.1 General-Purpose (GP) Timers There are two GP timers. The GP timer x (x = 1 or 2 for EVA; x = 3 or 4 for EVB) includes: • A 16-bit timer, up-/down-counter, TxCNT, for reads or writes • A 16-bit timer-compare register, TxCMPR (double-buffered with shadow register), for reads or writes • A 16-bit timer-period register, TxPR (double-buffered with shadow register), for reads or writes • A 16-bit timer-control register,TxCON, for reads or writes • Selectable internal or external input clocks |