| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMP320F2811PBKA Datasheet(PDF) 51 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320F2811PBKA Datasheet(HTML) 51 Page - Texas Instruments |
|
51 / 147 page ![]() Peripherals 51 June 2004 SPRS257 In R281x devices, the timer interrupt signals (TINT0, TINT1, TINT2) are connected as shown in Figure 4−2. INT1 to INT12 INT14 C28x TINT2 TINT0 PIE CPU-TIMER 0 CPU-TIMER 2 Reserved RTOS (DSP/BIOS) INT13 TINT1 CPU-TIMER 1 XINT13 NOTES: A. The timer registers are connected to the Memory Bus of the C28x processor. B. The timing of the timers is synchronized to SYSCLKOUT of the processor clock. Figure 4−2. CPU-Timer Interrupts Signals and Output Signal (See Notes A and B) The general operation of the timer is as follows: The 32-bit counter register “TIMH:TIM” is loaded with the value in the period register “PRDH:PRD”. The counter register, decrements at the SYSCLKOUT rate of the C28x. When the counter reaches 0, a timer interrupt output signal generates an interrupt pulse. The registers listed in Table 4−1 are used to configure the timers. For more information, see the TMS320F28x System Control and Interrupts Reference Guide (literature number SPRU078). |