Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MTCH102-E/MS Datasheet(PDF) 27 Page - Microchip Technology

No. de pieza MTCH102-E/MS
Descripción Electrónicos  2, 5 and 8-Channel Proximity/Touch Controller Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH102-E/MS Datasheet(HTML) 27 Page - Microchip Technology

Back Button MTCH102-E/MS Datasheet HTML 23Page - Microchip Technology MTCH102-E/MS Datasheet HTML 24Page - Microchip Technology MTCH102-E/MS Datasheet HTML 25Page - Microchip Technology MTCH102-E/MS Datasheet HTML 26Page - Microchip Technology MTCH102-E/MS Datasheet HTML 27Page - Microchip Technology MTCH102-E/MS Datasheet HTML 28Page - Microchip Technology MTCH102-E/MS Datasheet HTML 29Page - Microchip Technology MTCH102-E/MS Datasheet HTML 30Page - Microchip Technology MTCH102-E/MS Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
 2015-2016 Microchip Technology Inc.
Preliminary
DS40001793C-page 27
MTCH102/5/8
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
16-Lead Plastic Quad Flat, No Lead Package (ML) - 4x4x0.9mm Body [QFN]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37