Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MTCH102-E/MS Datasheet(PDF) 3 Page - Microchip Technology

No. de pieza MTCH102-E/MS
Descripción Electrónicos  2, 5 and 8-Channel Proximity/Touch Controller Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH102-E/MS Datasheet(HTML) 3 Page - Microchip Technology

  MTCH102-E/MS Datasheet HTML 1Page - Microchip Technology MTCH102-E/MS Datasheet HTML 2Page - Microchip Technology MTCH102-E/MS Datasheet HTML 3Page - Microchip Technology MTCH102-E/MS Datasheet HTML 4Page - Microchip Technology MTCH102-E/MS Datasheet HTML 5Page - Microchip Technology MTCH102-E/MS Datasheet HTML 6Page - Microchip Technology MTCH102-E/MS Datasheet HTML 7Page - Microchip Technology MTCH102-E/MS Datasheet HTML 8Page - Microchip Technology MTCH102-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
 2015-2016 Microchip Technology Inc.
Preliminary
DS40001793C-page 3
MTCH102/5/8
PIN ALLOCATION TABLES
TABLE 3:
8-PIN DESCRIPTION (MTCH102)
Name
8-Lead
MSOP and
UDFN
Description
VDD
1
Power Supply Input
MTI0
2
Proximity/Touch Sensor 0 Input
MTI1/Guard
3
Proximity/Touch Sensor 1 Input/Active Guard
MTPM
4
Low-Power Mode Select
MTSA
5
Sensitivity Adjust Input
MTO1/GC
6
MTI1 Detect Output (Active-Low)/Guard Control
MTO0
7
MTI0 Detect Output (Active-Low)
VSS
8
Ground
TABLE 4:
14-/16-PIN DESCRIPTION (MTCH105)
Name
14-Lead
TSSOP
16-Lead
QFN
Description
VDD
1
16
Power Supply Input
MTI0
2
1
Proximity/Touch Sensor 0 Input
MTI1
3
2
Proximity/Touch Sensor 1 Input
MTPM
4
3
Low-Power Mode Select
MTI2/Guard
5
4
Proximity/Touch Sensor 2 Input/Active Guard
MTI3
6
5
Proximity/Touch Sensor 3 Input
MTI4
7
6
Proximity/Touch Sensor 4 Input
MTO4
8
7
MTI4 Detect Output (Active-Low)
MTO3
9
8
MTI3 Detect Output (Active-Low)
MTO2/GC
10
9
MTI2 Detect Output (Active-Low) /Guard Control
MTSA
11
10
Sensitivity Adjust Input
MTO1
12
11
MTI1 Detect Output (Active-Low)
MTO0
13
12
MTI0 Detect Output (Active-Low)
VSS
14
13
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37