| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MTCH102-E/MS Datasheet(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MTCH102-E/MS Datasheet(HTML) 35 Page - Microchip Technology |
|
35 / 37 page ![]() 2015-2016 Microchip Technology Inc. Preliminary DS40001793C-page 35 MTCH102/5/8 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX XXX Pattern Package Temperature Range Device Device: MTCH102; MTCH105; MTCH108. Tape and Reel Option: Blank = Standard packaging (tube or tray) T = Tape and Reel(1) Temperature Range: I= -40 C to +85C (Industrial) E= -40 C to +125C (Extended) Package: MS = MSOP SS = SSOP MU = UDFN GZ = UQFN ST = TSSOP ML = QFN Examples: a) MTCH102 - I/MS = Industrial temperature, MSOP package. b) MTCH105 - I/ML = Industrial temperature, QFN package. c) MTCH108 - I/GZ = Industrial temperature, UQFN package. Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. [X](1) Tape and Reel Option |