| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
USB82640 Datasheet(PDF) 58 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB82640 Datasheet(HTML) 58 Page - Microchip Technology |
|
58 / 64 page ![]() USB82640 DS60001312A-page 58 2010-2015 Microchip Technology Inc. Rev. 1.1 (07-07-10) cont Section 7.3.4.9, "14Ch-17Bh: Reserved" Default values adapted. Section Chapter 8, "DC Parameters" XTAL2 and hysteresis removed. Typical values added, Min values removed. TBD replaced by correct values in section referring to 48QFN. Section 8.1, "Maximum Guaranteed Ratings" and Section 8.2, "Operating Conditions" Row that shows Voltage on USB+ and USB- pins removed as the USB pins are covered in row ‘Voltage on any signal pin’. Rev. 1.0 (08-25-09) Initial Release TABLE 10-1: CUSTOMER REVISION HISTORY (CONTINUED) REVISION LEVEL & DATE SECTION/FIGURE/ ENTRY CORRECTION |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |