| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
USB82640 Datasheet(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB82640 Datasheet(HTML) 19 Page - Microchip Technology |
|
19 / 64 page ![]() 2010-2015 Microchip Technology Inc. DS60001312A-page 19 USB82640 6.0 PIN RESET STATES 6.1 Pin Reset States TABLE 6-1: LEGEND FOR PIN RESET STATES Symbol Description 0 Output driven low 1 Output driven high IP Input enabled PU Hardware enables pull-up PD Hardware enables pull-down none Hardware disables pad - Hardware disables function Z Hardware disables pad. Both output driver and input buffers are disabled. TABLE 6-2: USB82640 RESET STATES Pin Pin Name Reset State Function Input/ Output PU/ PD 1 USBDN_DM2 USBDN_DM2 IP PD 2 USBDN_DP2 USBDN_DP2 IP PD 3 USBDN_DM3 USBDN_DM3 IP PD 4 USBDN_DP3 USBDN_DP3 IP PD 6 PRTCTL2 PRTCTL 0 - 7 PRTCTL3 PRTCTL 0 - 8 SPI_CE_N SPI_CE_N 1 - 9 SPI_CLK/SCL GPIO 0 - 10 SPI_DO/SDA/SPI_SPD_SEL GPIO 0 - 11 SPI_DI SPI_DI IP PD 13 SD_WP/MS_SCLK GPIO 0 - 14 SD_nCD GPIO IP PU 17 SD_D1/MS_D5 none Z - 18 SD_D0/MS_D4 none Z - |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |