| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
USB82640 Datasheet(PDF) 59 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB82640 Datasheet(HTML) 59 Page - Microchip Technology |
|
59 / 64 page ![]() 2010-2015 Microchip Technology Inc. DS60001312A-page 59 USB82640 APPENDIX B: ACRONYMS The following is a list of the general terms used throughout this document: TABLE 10-2: ACRONYMS Acronym Description ACK Handshake packet indicating a positive acknowledgment EOF End of (micro) Frame EOP End of Packet FMC Flash Media Controller FS Full-Speed Device HS Hi-Speed Device I2CTM Inter-Integrated Circuit, I2CTM is a trademark of Philips Corporation LS Low-Speed Device LUN Logical Unit Number MMC MultiMediaCard MSC Memory Stick Controller OCS Over-current Sense PHY Physical Layer PLL Phase-Locked Loop VQFN Very Thin Quad Flat No Leads RoHS Restriction of Hazardous Substances directive RXD Received eXchange Data SDC Secure Digital Controller TXD Transmit eXchange Data UART Universal Asynchronous Receiver-Transmitter UCHAR Unsigned Character UNIT Unsigned Integer |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |