Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PCM2906 Datasheet(PDF) 21 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza PCM2906
Descripción Electrónicos  STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM2906 Datasheet(HTML) 21 Page - Burr-Brown (TI)

Back Button PCM2906 Datasheet HTML 17Page - Burr-Brown (TI) PCM2906 Datasheet HTML 18Page - Burr-Brown (TI) PCM2906 Datasheet HTML 19Page - Burr-Brown (TI) PCM2906 Datasheet HTML 20Page - Burr-Brown (TI) PCM2906 Datasheet HTML 21Page - Burr-Brown (TI) PCM2906 Datasheet HTML 22Page - Burr-Brown (TI) PCM2906 Datasheet HTML 23Page - Burr-Brown (TI) PCM2906 Datasheet HTML 24Page - Burr-Brown (TI) PCM2906 Datasheet HTML 25Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
PCM2904
PCM2906
SLES042A − JUNE 2002 − REVISED JUNE 2004
www.ti.com
21
Interface #0
Interface #0 is the control interface. Alternative setting #0 is the only possible setting for interface #0. Alternative
setting #0 describes the standard audio control interface. The audio control interface is constructed by a
terminal. The PCM2904/2906 has the following five terminals.
D Input terminal (IT #1) for isochronous-out stream
D Output terminal (OT #2) for audio analog output
D Feature unit (FU #3) for DAC digital attenuator
D Input terminal (IT #4) for audio analog input
D Output terminal (OT #5) for isochronous-in stream
Input terminal #1 is defined as a USB stream (terminal type 0x0101). Input terminal #1 can accept 2-channel
audio streams consisting of left and right channels. Output terminal #2 is defined as a speaker (terminal type
0x0301). Input terminal #4 is defined as a microphone (terminal type 0x0201). Output terminal #5 is defined
as a USB stream (terminal type 0x0101). Output terminal #5 can generate 2-channel audio streams consisting
of left and right channels. Feature unit #3 supports the following sound control features.
D Volume control
D Mute control
The built-in digital volume controller can be manipulated by an audio-class-specific request from 0.0 dB to
–64 dB in steps of 1 dB. Each channel can be set for different values. The master volume control is not
supported. A request to the master volume is stalled and ignored. The built-in digital mute controller can be
manipulated by audio-class-specific request. A master mute control request is acceptable. A request to an
individual channel is stalled and ignored.
Interface #1
Interface #1 is the audio streaming data-out interface. Interface #1 has the following seven alternative settings.
Alternative setting #0 is the zero-bandwidth setting. All other alternative settings are operational settings.
ALTERNATIVE
SETTING
DATA FORMAT
TRANSFER
MODE
SAMPLING RATE
(kHz)
00
Zero bandwidth
01
16 bit
Stereo
2s complement (PCM)
Adaptive
32, 44.1, 48
02
16 bit
Mono
2s complement (PCM)
Adaptive
32, 44.1, 48
03
8 bit
Stereo
2s complement (PCM)
Adaptive
32, 44.1, 48
04
8 bit
Mono
2s complement (PCM)
Adaptive
32, 44.1, 48
05
8 bit
Stereo
Offset binary (PCM8)
Adaptive
32, 44.1, 48
06
8 bit
Mono
Offset binary (PCM8)
Adaptive
32, 44.1, 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com