Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PCM2906 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza PCM2906
Descripción Electrónicos  STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM2906 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  PCM2906 Datasheet HTML 1Page - Burr-Brown (TI) PCM2906 Datasheet HTML 2Page - Burr-Brown (TI) PCM2906 Datasheet HTML 3Page - Burr-Brown (TI) PCM2906 Datasheet HTML 4Page - Burr-Brown (TI) PCM2906 Datasheet HTML 5Page - Burr-Brown (TI) PCM2906 Datasheet HTML 6Page - Burr-Brown (TI) PCM2906 Datasheet HTML 7Page - Burr-Brown (TI) PCM2906 Datasheet HTML 8Page - Burr-Brown (TI) PCM2906 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
PCM2904
PCM2906
SLES042A − JUNE 2002 − REVISED JUNE 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS
all specifications at TA = 25°C, VBUS, = 5 V, fS = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless otherwise noted
PARAMETER
TEST CONDITIONS
PCM2904DB, PCM2906DB
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Input/Output
Host interface
Apply USB Revision 1.1, full speed
Audio data format
USB isochronous data format
Input Logic
VIH(1)
2
3.3
VIL(1)
0.8
VIH(2) (3)
2.52
3.3
VIL(2) (3)
Input logic level
0.9
Vdc
VIH(4)
Input logic level
2
5.25
Vdc
VIL(4)
0.8
VIH(5)
2.52
5.25
VIL(5)
0.9
IIH(1)(2)(4)
VIN = 3.3 V
±10
IIL(1)(2)(4)
VIN = 0 V
±10
IIH(3)
Input logic current
VIN = 3.3 V
50
80
µA
IIL(3)
Input logic current
VIN = 0 V
±10
µA
IIH(5)
VIN = 3.3 V
65
100
IIL(5)
VIN = 0 V
±10
Output Logic
VOH(1)
2.8
VOL(1)
0.3
VOH(6)
Output logic level
IOH = –4 mA
2.8
Vdc
VOL(6)
Output logic level
IOL = 4 mA
0.5
Vdc
VOH(7)
IOH = −2 mA
2.8
VOL(7)
IOL = 2 mA
0.5
Clock Frequency
Input clock frequency, XTI
11.994
12.000
12.006
MHz
ADC Characteristics
Resolution
8, 16
bits
Audio data channel
1, 2
channel
Clock Frequency
fs
Sampling frequency
8, 11.025, 16, 22.05, 32, 44.1, 48
kHz
DC Accuracy
Gain mismatch, channel-to-channel
±1
±5 % of FSR
Gain error
±2
±10 % of FSR
Bipolar zero error
±0
% of FSR
(1) Pins 1, 2: D+, D–
(2) Pin 21: XTI
(3) Pins 5, 6, 7: HID0, HID1, HID2
(4) Pins 8, 9: SEL0, SEL1
(5) Pin 24: DIN
(6) Pin 25: DOUT
(7) Pin 28: SSPND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com