Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PCM2906 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza PCM2906
Descripción Electrónicos  STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM2906 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button PCM2906 Datasheet HTML 5Page - Burr-Brown (TI) PCM2906 Datasheet HTML 6Page - Burr-Brown (TI) PCM2906 Datasheet HTML 7Page - Burr-Brown (TI) PCM2906 Datasheet HTML 8Page - Burr-Brown (TI) PCM2906 Datasheet HTML 9Page - Burr-Brown (TI) PCM2906 Datasheet HTML 10Page - Burr-Brown (TI) PCM2906 Datasheet HTML 11Page - Burr-Brown (TI) PCM2906 Datasheet HTML 12Page - Burr-Brown (TI) PCM2906 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
PCM2904
PCM2906
SLES042A − JUNE 2002 − REVISED JUNE 2004
www.ti.com
9
PCM2906 FUNCTIONAL BLOCK DIAGRAM
SSPND
S/PDIF Decoder
DIN
Lock
ADC
VINL
VINR
VCOM
FIFO
Selector
Analog
PLL
Analog
PLL
FIFO
DAC
VOUTL
VOUTR
S/PDIF Encoder
DOUT
XTI
XTO
12 MHz
PLL (
y8)
96 MHz
Tracker
(SpAct)
USB
Protocol
Controller
Power
Manager
ISO-In
End-Point
Control
End-Point
ISO-Out
End-Point
HID
End-Point
D+
D−
SEL0
SEL1
HID0
HID1
HID2
VBUS
5-V to 3.3-V Voltage Regulator
VCCCI VCCP1I VCCP2I VCCXI
VDDI
DGNDU
DGND
AGNDX
AGNDP
AGNDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com