Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

34RC02 Datasheet(PDF) 4 Page - Catalyst Semiconductor

No. de pieza 34RC02
Descripción Electrónicos  2-kb I2C Serial EEPROM, Serial Presence Detect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

34RC02 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  34RC02 Datasheet HTML 1Page - Catalyst Semiconductor 34RC02 Datasheet HTML 2Page - Catalyst Semiconductor 34RC02 Datasheet HTML 3Page - Catalyst Semiconductor 34RC02 Datasheet HTML 4Page - Catalyst Semiconductor 34RC02 Datasheet HTML 5Page - Catalyst Semiconductor 34RC02 Datasheet HTML 6Page - Catalyst Semiconductor 34RC02 Datasheet HTML 7Page - Catalyst Semiconductor 34RC02 Datasheet HTML 8Page - Catalyst Semiconductor 34RC02 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CAT34RC02
4
Doc. No. 1052, Rev. K
FUNCTIONAL DESCRIPTION
The CAT34RC02 supports the I2C (2-wire) Bus data
transmission protocol. This Inter-Integrated Circuit Bus
protocol defines any device that sends data to the bus to
be a transmitter and any device receiving data to be a
receiver. Data transfer is controlled by the Master device
which generates the serial clock and all START and
STOP conditions for bus access. The CAT34RC02
operates as a Slave device. Both the Master and Slave
devices can operate as either transmitter or receiver, but
the Master alone assigns those roles. A maximum of 8
devices may be connected to the bus as determined by
the device address inputs A0, A1, and A2.
PIN DESCRIPTIONS
SCL: Serial Clock
The serial clock input pin is used to clock all data
transfers into or out of the device.
SDA: Serial Data/Address
The bidirectional serial data/address pin is used to
transfer data into and out of the device. This pin is an
open drain output in transmit mode.
A0, A1, A2: Device Address Inputs
These inputs set the device address. When left floating,
the address pins are internally pulled to ground.
WP: Write Protect
This input, when grounded or left floating, allows write
operations to the entire memory. When this pin is tied to
VCC, the entire memory is write protected.
START BIT
SDA
STOP BIT
SCL
Figure 3. Start/Stop Timing
Figure 2. Write Cycle Timing
Figure 1. Bus Timing
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8th Bit
Byte n
SCL
SDA
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com