Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

34RC02 Datasheet(PDF) 5 Page - Catalyst Semiconductor

No. de pieza 34RC02
Descripción Electrónicos  2-kb I2C Serial EEPROM, Serial Presence Detect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

34RC02 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  34RC02 Datasheet HTML 1Page - Catalyst Semiconductor 34RC02 Datasheet HTML 2Page - Catalyst Semiconductor 34RC02 Datasheet HTML 3Page - Catalyst Semiconductor 34RC02 Datasheet HTML 4Page - Catalyst Semiconductor 34RC02 Datasheet HTML 5Page - Catalyst Semiconductor 34RC02 Datasheet HTML 6Page - Catalyst Semiconductor 34RC02 Datasheet HTML 7Page - Catalyst Semiconductor 34RC02 Datasheet HTML 8Page - Catalyst Semiconductor 34RC02 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CAT34RC02
5
Doc No. 1052, Rev. K
I2C BUS PROTOCOL
The I2C bus consists of two ‘wires’, SCL and SDA. The
two ‘wires’ are connected to the supply (VCC) via pull-up
resistors. Master and Slave devices connect to the bus
via their respective SCL and SDA pins. The transmitting
device pulls down the SDA line to ‘transmit’ a ‘0’ and
releases it to ‘transmit’ a ‘1’.
(1) Data transfer may be initiated only when the bus is
not busy (see A.C. Characteristics).
(2) During a data transfer, the data line must remain
stable whenever the SCL line is high. An SDA
transition while SCL is high will be interpreted as a
START or STOP condition.
START Condition
The START Condition precedes all commands. It consists
of a HIGH to LOW transition on SDA while SCL is HIGH.
The START condition acts as a ‘wake-up’ call for the
Slave devices. A Slave will not respond to commands
unless the MASTER generates a START condition.
STOP Condition
The STOP condition completes all commands. It consists
of a LOW to HIGH transition on SDA while SCL is HIGH.
The STOP condition starts the internal write cycle, when
following a WRITE command and sends the Slave into
standby mode, when following a READ command.
Device Addressing
The Master initiates a data transfer by creating a START
condition on the bus. The Master then broadcasts an 8-
bit serial Slave address. The four most significant bits of
the Slave address (the ‘preamble’) are fixed to 1010
(Ah), for normal read/write operations and 0110 (6h) for
Software Write Protect (SWP) operations (Fig. 5). The
next three bits, A2, A1 and A0, select one of eight possible
Slave devices. The last bit, R/
W, specifies whether a
Read (1) or Write (0) operation is to be performed.
Acknowledge
After processing the Slave address, the Slave responds
with an acknowledge (ACK) by pulling down the SDA
line during the 9th clock cycle. The Slave will aslo
acknowledge the 8-bit byte address and every data byte
presented in WRITE mode. In READ mode the Slave
shifts out eight bits of data, and then ‘releases’ the SDA
line durng the 9th clock cycle. If the Master acknowledges
in the 9th clock cycle (by pulling down the SDA line), then
the Slave continues transmitting. When data transfer is
complete, the Master responds with a NoACK (it does
not acknowledge the last data byte) and the Slave stops
transmitting and waits for a STOP condition.
Figure 4. Acknowledge Timing
Figure 5. Slave Address Bits
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
1
DEVICE ADDRESS
010
A2
A1
A0
R/W
0
110
A2
A1
A0
R/W
Normal Read and Write
Programming the Write
Protect Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com