Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

34RC02 Datasheet(PDF) 10 Page - Catalyst Semiconductor

No. de pieza 34RC02
Descripción Electrónicos  2-kb I2C Serial EEPROM, Serial Presence Detect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

34RC02 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button 34RC02 Datasheet HTML 6Page - Catalyst Semiconductor 34RC02 Datasheet HTML 7Page - Catalyst Semiconductor 34RC02 Datasheet HTML 8Page - Catalyst Semiconductor 34RC02 Datasheet HTML 9Page - Catalyst Semiconductor 34RC02 Datasheet HTML 10Page - Catalyst Semiconductor 34RC02 Datasheet HTML 11Page - Catalyst Semiconductor 34RC02 Datasheet HTML 12Page - Catalyst Semiconductor 34RC02 Datasheet HTML 13Page - Catalyst Semiconductor 34RC02 Datasheet HTML 14Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CAT34RC02
10
Doc. No. 1052, Rev. K
8–22-LEAD 300 MIL WIDE PLASTIC DIP (P, L)
Notes:
1.
Complies with JEDEC Publication 95 MS001 dimensions; however, some of the dimensions may be more stringent.
2.
All linear dimensions are in inches and parenthetically in millimeters.
Dimension D
Pkg
Min
Max
8L
0.355 (9.02)
0.400 (10.16)
0.180 (4.57) MAX
0.015 (0.38)
0.100 (2.54)
BSC
0.014 (0.36)
0.022 (0.56)
D
0.245 (6.17)
0.295 (7.49)
0.045 (1.14)
0.060 (1.52)
0.110 (2.79)
0.150 (3.81)
0.120 (3.05)
0.150 (3.81)
0.300 (7.62)
0.325 (8.26)
0.310 (7.87)
0.380 (9.65)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com