| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM8T141 Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8T141 Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 50 page ![]() STM8T processing STM8T141 14/50 Doc ID 15699 Rev 7 Figure 8. Environmental compensation filter (ECF) example 2 Detection Reference - DTh Environment changing Number of counts Reference Signal Zone 1 Zone 2 Zone 3 Zone 4 ai17429 t Table 4. Explanation of ECF example 2 Zone 1 Zone 2 Zone 3 Zone 4 Event description The system environment changes and the device adapts its reference according to this environment change. An object (finger) is detected. The environment continues to change. The object is still under detection but, the environment is not changing anymore. The object exits from detection. Detection operation No detection Detection No detection ECF state Active Halt Active Reference Adapting Frozen Adapting Surrounding environment Changing Stable |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |