Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM8T141 Datasheet(PDF) 47 Page - STMicroelectronics

No. de pieza STM8T141
Descripción Electrónicos  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 42Page - STMicroelectronics STM8T141 Datasheet HTML 43Page - STMicroelectronics STM8T141 Datasheet HTML 44Page - STMicroelectronics STM8T141 Datasheet HTML 45Page - STMicroelectronics STM8T141 Datasheet HTML 46Page - STMicroelectronics STM8T141 Datasheet HTML 47Page - STMicroelectronics STM8T141 Datasheet HTML 48Page - STMicroelectronics STM8T141 Datasheet HTML 49Page - STMicroelectronics STM8T141 Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
STM8T141
STM8T141 development tools
Doc ID 15699 Rev 7
47/50
Programming tool
Figure 29 shows the STM8T141-EVAL programming tool.
To program the device option bytes so that the device can be tested in different
configurations, the following materials are available:
A programming socket board (STM8T14X-SB). When connected to the programming
dongle, this board allows SO8 and DFN8 devices as well as plug-in modules delivered
in the evaluation kit to be programmed.
A programming dongle (ST-TSLINK) and its associated programming software, STVP.
Figure 29.
STM8T141-EVAL programming tool
Ordering information
Table 27.
Ordering information
Part number
Order codes
Description
STM8T141-EVAL
STM8T141-EVAL
STM8T141 evaluation kit
STM8T-MOD
STM8T141AM-MOD
Box containing 10 blank modules based on
STM8T141AM61T (OTP device in SO8
package)
ST-TSLINK
ST-TSLINK(1)
1.
The ST-TSLINK dongle and the STM8T14X-SB socket board are not part of the STM8T141-EVAL
evaluation kit, and consequently must be ordered separately.
STM8T141 programming dongle
STM8T14X-SB
STM8T14X-SB(1)
STM8T141 socket board
Programming dongle (ST-TSLINK)
Programming socket boards (STM8T14X-SB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com